Electronic Components Datasheet Search
  English  ▼

X  

AL8841Q Datasheet (PDF) - Diodes Incorporated

AL8841Q Datasheet PDF - Diodes Incorporated
Part # AL8841Q
Download  AL8841Q Download
File Size   1313.1 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE 40V 1A/1.5A STEP-DOWN LED DQRIVER

AL8841Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AL8841Q Datasheet PDF - Diodes Incorporated

Part # AL8841Q
Download  AL8841Q Click to download

File Size   1313.1 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE 40V 1A/1.5A STEP-DOWN LED DQRIVER

AL8841Q Datasheet (HTML) - Diodes Incorporated


AL8841Q Product details

Description
The AL8841Q is a hysteresis mode DC-DC step-down converter,
designed for driving single or multiple series connected LEDs efficiently
from a voltage source higher than the LED voltage. The device can
operate from an input supply between 4.5V and 40V and provide an
externally adjustable output current up to 1A for TSOT25 and 1.5A for
MSOP-8EP package. Depending upon supply voltage and external
components, this converter can provide up to 60W of output power.
The AL8841Q integrates the power switch and a high-side output
current sensing circuit, which uses an external resistor to set the
nominal average output current.
Dimming can be realized by applying an external control signal to the
CTRL pin. The CTRL pin will accept either a DC voltage signal or a
PWM signal.
The soft-start time can be adjusted by an external capacitor from the
CTRL pin to Ground. Applying a voltage of 0.3V or lower to the CTRL
pin will shut down the power switch.
The AL8841Q is available in the thermally enhanced MSOP-8EP
package and the small footprint TSOT25 package.

Features
 AEC-Q100 (Grade 1) Qualification
 Wide Input Voltage Range: 4.5V to 40V
 Output Current up to 1A for TSOT25 and 1.5A for MSOP-8EP
 Internal 40V NDMOS Switch
 Typical 4% Output Current Accuracy
 Single Pin for On/Off and Brightness Control by DC Voltage or
PWM Signal
 Recommended Analog Dimming Range: 10% to 100%
 Soft-Start
 High Efficiency (Up to 97%)
 LED Short Protection
 Inherent Open-Circuit LED Protection
 Overtemperature Protection (OTP)
 Up to 1MHz Switching Frequency
 MSOP-8EP & TSOT25 Packages Available in Green Molding
Compound (No Br, Sb)
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The AL8841Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF16949
certified facilities.
https://www.diodes.com/quality/product-definitions/

Applications
 Automotive daytime running lights
 Automotive front and rear fog lights
 Automotive turn/stop lights
 Automotive dimmable interior lights




Similar Part No. - AL8841Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8843 DIODES-AL8843 Datasheet
565Kb / 18P
40V 3A STEP-DOWN LED DRIVER
Rev 1
AL8843Q DIODES-AL8843Q Datasheet
1Mb / 18P
AUTOMOTIVE COMPLIANT 40V 3A STEP-DOWN LED DRIVER
October 2019
AL8843QSP-13 DIODES-AL8843QSP-13 Datasheet
1Mb / 18P
AUTOMOTIVE COMPLIANT 40V 3A STEP-DOWN LED DRIVER
October 2019
AL8843SP-13 DIODES-AL8843SP-13 Datasheet
565Kb / 18P
40V 3A STEP-DOWN LED DRIVER
Rev 1
More results


Similar Description - AL8841Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5082 MAXIM-MAX5082 Datasheet
404Kb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
Rev 0; 5/05
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
Step-Down 1A LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
Step-Down 1A LED Driver
LTC3646 LINER-LTC3646_15 Datasheet
448Kb / 28P
40V, 1A Synchronous Step-Down Converter
LTC3646-1 LINER-LTC3646-1_15 Datasheet
448Kb / 28P
40V, 1A Synchronous Step-Down Converter
logo
Exar Corporation
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
logo
Eutech Microelectronics...
EUP3455 EUTECH-EUP3455 Datasheet
772Kb / 1P
1.5A,40V,200KHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX5082 MAXIM-MAX5082_V01 Datasheet
1Mb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
2014
logo
Diodes Incorporated
AL8843Q DIODES-AL8843Q Datasheet
1Mb / 18P
AUTOMOTIVE COMPLIANT 40V 3A STEP-DOWN LED DRIVER
October 2019
logo
Linear Technology
LTC3646 LINER-LTC3646 Datasheet
586Kb / 28P
40V, 1A Synchronous Step-Down Converter
36461fc
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com