Electronic Components Datasheet Search
  English  ▼

X  

OPA891 Datasheet (PDF) - Texas Instruments

OPA891 Datasheet PDF - Texas Instruments
Part # OPA891
Download  OPA891 Download
File Size   1362.72 Kbytes
Page   32 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx891 180MHz, 0.95nV/√Hz, Ultra-Low THD Operational Amplifiers

OPA891 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA891 Datasheet PDF - Texas Instruments

Part # OPA891
Download  OPA891 Click to download

File Size   1362.72 Kbytes
Page   32 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx891 180MHz, 0.95nV/√Hz, Ultra-Low THD Operational Amplifiers

OPA891 Datasheet (HTML) - Texas Instruments


OPA891 Product details

1 Features
• Ultra-low 0.95nV/√Hz voltage noise
• High speed:
– 180MHz unity gain bandwidth
– 140MHz bandwidth at a gain of 2V/V (–1V/V)
– 105V/μs slew rate
• Very low distortion
– THD = –91dBc (f = 1MHz, RL = 150Ω)
– THD = –100dBc (f = 1MHz, RL = 1kΩ)
– THD+N = –137dBc (f = 1kHz, BW = 80kHz)
• Low 0.2mV (typical) and 1mV (maximum) input
offset voltage at 25°C
• 200mA output current drive (typical)
• Typical operation from ±4.5V to ±18V
• Offset nulling pins on the OPA891

2 Applications
• Low-noise, wide-band amplifier for industrial
applications
• Voltage-controlled oscillators
• Active filters
• Video amplifiers
• Cable drivers
• Ultrasound scanners
• Vector signal transceiver (VST)
• Professional audio mixer or control surface
• Professional microphones and wireless systems
• Professional speaker systems
• Professional audio amplifier
• Soundbar
• Turntable
• Professional video camera
• Guitar and other instrument amplifier
• Data acquisition (DAQ)

3 Description
The OPA891 and OPA2891 (OPAx891) are ultralow
voltage noise, high-speed voltage feedback
amplifiers that are an excellent choice for applications
requiring low voltage noise, including communications
and imaging. The single-amplifier OPA891 and
the dual-amplifier OPA2891 offer very good ac
performance with 140MHz bandwidth, gain (G) =
2V/V, 105V/μs slew rate, and 70ns settling time
(0.1%). The OPAx891 are unity-gain stable with
180MHz bandwidth. These amplifiers have a high
drive capability of 200mA and draw only 7.5mA
supply current per channel. With –100dBc of total
harmonic distortion (THD) at f = 1MHz and a very
low noise of 0.95nV/√Hz, the OPAx891 are designed
for applications requiring low distortion and low noise
such as buffering analog-to-digital converters.




Similar Part No. - OPA891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA891 TI1-OPA891 Datasheet
1Mb / 30P
OPAx891, 180 MHz, 0.95 nV/√Hz, Ultra-low THD, Operational Amplifiers
NOVEMBER 2023
OPA891DGNR TI1-OPA891DGNR Datasheet
1Mb / 30P
OPAx891, 180 MHz, 0.95 nV/√Hz, Ultra-low THD, Operational Amplifiers
NOVEMBER 2023
OPA891DR TI1-OPA891DR Datasheet
1Mb / 30P
OPAx891, 180 MHz, 0.95 nV/√Hz, Ultra-low THD, Operational Amplifiers
NOVEMBER 2023
More results


Similar Description - OPA891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP358 TI-LP358 Datasheet
144Kb / 6P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
LP324 TI-LP324 Datasheet
240Kb / 9P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP358 TI-LP358_07 Datasheet
287Kb / 9P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
LP324_101 TI-LP324_101 Datasheet
411Kb / 12P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Rohm
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
OPA891 TI1-OPA891 Datasheet
1Mb / 30P
OPAx891, 180 MHz, 0.95 nV/√Hz, Ultra-low THD, Operational Amplifiers
NOVEMBER 2023
OPA892 TI1-OPA892 Datasheet
1Mb / 24P
OPA892 2-GHz, 10-V/V Stable, 0.95-nV/√Hz, Ultra-Low THD Operational Amplifier
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com