Electronic Components Datasheet Search
  English  ▼

X  

JFE2140 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
JFE2140 Datasheet PDF - Texas Instruments
Part # JFE2140
Download  JFE2140 Download
File Size   2514.78 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N‑Channel JFET

JFE2140 Datasheet (PDF)

Go To PDF Page Download Datasheet
JFE2140 Datasheet PDF - Texas Instruments

Part # JFE2140
Download  JFE2140 Click to download

File Size   2514.78 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N‑Channel JFET

JFE2140 Datasheet (HTML) - Texas Instruments


JFE2140 Product details

1 Features
• Ultra-low noise:
– Voltage noise:
• 0.9 nV/√Hz at 1 kHz, IDS = 5 mA
• 1.1 nV/√Hz at 1 kHz, IDS = 2 mA
– Current noise: 1.6 fA/√Hz at 1 kHz
• Low VGS mismatch: 4 mV (max)
• Low gate current: 10 pA (max)
• Low input capacitance: 13 pF at VDS = 5 V
• High gate-to-drain and gate-to-source breakdown
voltage: –40 V
• High transconductance: 30 mS
• Packages: SOIC, 2-mm × 2-mm WSON

2 Applications
• Microphone inputs
• Hydrophones and marine equipment
• DJ controllers, mixers, and other DJ equipment
• Professional audio mixer or control surface
• Guitar amplifier and other music instrument amp
• Condition monitoring sensor

3 Description
The JFE2140 is a Burr-Brown™ Audio, matchedpair
discrete JFET built using Texas Instruments'
modern, high-performance, analog bipolar process.
The JFE2140 features performance not previously
available in older discrete JFET technologies. The
JFE2140 offers excellent noise performance across
all current ranges, where the quiescent current can
be set by the user from 50 μA to 20 mA. When
biased at 5 mA, the device yields 0.9 nV/√Hz of inputreferred
noise, giving ultra-low noise performance with
extremely high input impedance (> 1 TΩ). In addition,
the matching between JFETs is tested to ±4 mV,
providing low offset and high CMRR performance
for differential pair configurations. The JFE2140 also
features integrated diodes connected to separate
clamp nodes to provide protection without the addition
of high leakage, nonlinear external diodes.
The JFE2140 can withstand a high drain-to-source
voltage of 40‑V, as well as gate-to-source and gate-todrain
voltages down to –40 V. The temperature range
is specified from –40°C to +125°C.




Similar Part No. - JFE2140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JFE2140 TI-JFE2140 Datasheet
1Mb / 28P
JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N?멌hannel JFET
JFE2140DR TI-JFE2140DR Datasheet
1Mb / 28P
JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N?멌hannel JFET
More results


Similar Description - JFE2140

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS843-5 LINEAR-LS843-5 Datasheet
32Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
LSK170 LINEAR-LSK170 Datasheet
116Kb / 1P
ULTRA LOW NOISE SINGLE N-CHANNEL JFET
LSK389 LINEAR-LSK389 Datasheet
118Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LSK170A_SOT-23 MICROSS-LSK170A_SOT-23 Datasheet
475Kb / 1P
Ultra Low Noise Single N-Channel JFET
logo
New Jersey Semi-Conduct...
LSK389 NJSEMI-LSK389 Datasheet
88Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK389 LINEAR-LSK389_14 Datasheet
238Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
logo
Texas Instruments
JFE150 TI-JFE150 Datasheet
1Mb / 25P
JFE150 Ultra-Low Noise, Low Gate Current, Audio, N-Channel JFET
JFE2140 TI-JFE2140 Datasheet
1Mb / 28P
JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N?멌hannel JFET
JFE150 TI-JFE150_V01 Datasheet
1Mb / 29P
JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
REVISED APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com