Electronic Components Datasheet Search
  English  ▼

X  

1244857 Datasheet (PDF) - PHOENIX CONTACT

1244857 Datasheet PDF - PHOENIX CONTACT
Part # 1244857
Download  1244857 Download
File Size   586.54 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SB-8ESCA8A8L34SX - Cable connector

1244857 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244857 Datasheet PDF - PHOENIX CONTACT

Part # 1244857
Download  1244857 Click to download

File Size   586.54 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SB-8ESCA8A8L34SX - Cable connector

1244857 Datasheet (HTML) - PHOENIX CONTACT


1244857 Product details

M40, Cable connector, series: SB, straight long, shielded: yes, SPEEDCON, No. of pos.:
4+4+4+PE / 3+N+PE, Direction of rotation: Standard, contact connection type: Socket, Crimp
connection, cable diameter range: 20.5 mm ... 26.5 mm, coding: CAT5, coding 1, Item is leadfree
in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Transmission of signals, data, and power in just a single connector
• CAT5 data interface for up to 100 Mbps
• Reduced connection time with SPEEDCON fast locking system
• Mechanical coding reliably prevents incorrect connections
• Safe use in the field, thanks to high degree of protection
• Consistent EMC protection for reliable connection solutions in the industrial environment




Similar Part No. - 1244857

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244855 PHOENIX-1244855 Datasheet
630Kb / 17P
SB-8ESCA8A8L32SX - Cable connector
1244856 PHOENIX-1244856 Datasheet
630Kb / 18P
SB-8ESCA8A8L33SX - Cable connector
1244858 PHOENIX-1244858 Datasheet
533Kb / 13P
SB-8ESSA8A8L32SX - Cable connector
1244859 PHOENIX-1244859 Datasheet
402Kb / 9P
SB-8ESSA8A8L33SX - Cable connector
More results


Similar Description - 1244857

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623683 PHOENIX-1623683 Datasheet
380Kb / 10P
Cable connector - SB-8ESCD8A8L32S
1623684 PHOENIX-1623684 Datasheet
380Kb / 10P
Cable connector - SB-8ESCD8A8L33S
1623688 PHOENIX-1623688 Datasheet
391Kb / 8P
Cable connector - SB-8ESSD8A8L34S
02/04/2022
1623697 PHOENIX-1623697 Datasheet
386Kb / 8P
Cable connector - SB-8EPSD8A8L34S
02/04/2022
1623332 PHOENIX-1623332 Datasheet
722Kb / 19P
SB-8EPCA8A8L32S - Cable connector
1623327 PHOENIX-1623327 Datasheet
760Kb / 19P
SB-8ESCA8A8L33S - Cable connector
1623328 PHOENIX-1623328 Datasheet
762Kb / 20P
SB-8ESCA8A8L34S - Cable connector
1623333 PHOENIX-1623333 Datasheet
725Kb / 20P
SB-8EPCA8A8L33S - Cable connector
1244865 PHOENIX-1244865 Datasheet
504Kb / 13P
SB-8EPSA8A8L33SX - Cable connector
1244858 PHOENIX-1244858 Datasheet
533Kb / 13P
SB-8ESSA8A8L32SX - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com