Electronic Components Datasheet Search
  English  ▼

X  

ECS60US24 Datasheet (PDF) - XP Power Limited

ECS60US24 Datasheet PDF - XP Power Limited
Part # ECS60US24
Download  ECS60US24 Download
File Size   1505.32 Kbytes
Page   4 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description 25-60 Watts ECS Series

ECS60US24 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECS60US24 Datasheet PDF - XP Power Limited

Part # ECS60US24
Download  ECS60US24 Click to download

File Size   1505.32 Kbytes
Page   4 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description 25-60 Watts ECS Series

ECS60US24 Datasheet (HTML) - XP Power Limited


ECS60US24 Product details

General
Efficiency •Up to 90%, model dependant
Isolation •4000 VAC In to Out, 2 x MOPP, 1500 VAC In to Earth, 1 x MOPP, 500 VDC Out to Earth, 1 x MOPP
Switching Frequency•65 KHz typical
Power Density•Up to 7.9 W/in3
MTBF•25 & 45 W: 1072 kHrs, 60 W: 471 kHrs to MIL-HDBK-217F at 25 °C, GB




Similar Part No. - ECS60US24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS60US24 XPPOWER-ECS60US24 Datasheet
405Kb / 4P
2560 Watts ECS Series
ECS60US24 XPPOWER-ECS60US24 Datasheet
1,016Kb / 4P
25-60 Watts ECS Series
ECS60US24 XPPOWER-ECS60US24 Datasheet
4Mb / 11P
IT & Medical Safety Approvals
More results


Similar Description - ECS60US24

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA25N ASTEC-AA25N Datasheet
516Kb / 2P
25 Watts
AEV05F24 ASTEC-AEV05F24 Datasheet
434Kb / 2P
25 Watts
LPS25 ASTEC-LPS25 Datasheet
77Kb / 3P
25 Watts
LPT25 ASTEC-LPT25 Datasheet
79Kb / 3P
25 Watts
logo
XP Power Limited
ECP60UD01 XPPOWER-ECP60UD01 Datasheet
391Kb / 2P
60 Watts ECP Series
ECS60US05 XPPOWER-ECS60US05 Datasheet
405Kb / 4P
2560 Watts ECS Series
JCK6024S3V3 XPPOWER-JCK6024S3V3 Datasheet
223Kb / 2P
60 Watts JCK Series
ECS60US05 XPPOWER-ECS60US05_16 Datasheet
1,016Kb / 4P
25-60 Watts ECS Series
ECS65 XPPOWER-ECS65 Datasheet
941Kb / 5P
65/100/130 Watts ECS Series
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
60 Watts SDS Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com