Electronic Components Datasheet Search
  English  ▼

X  

TDA38641A Datasheet (PDF) - Infineon Technologies AG

TDA38641A Datasheet PDF - Infineon Technologies AG
Part # TDA38641A
Download  TDA38641A Download
File Size   1777.29 Kbytes
Page   68 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 40A Single-voltage Synchronous Pin Programmable Buck Regulator with SVID

TDA38641A Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA38641A Datasheet PDF - Infineon Technologies AG

Part # TDA38641A
Download  TDA38641A Click to download

File Size   1777.29 Kbytes
Page   68 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 40A Single-voltage Synchronous Pin Programmable Buck Regulator with SVID

TDA38641A Datasheet (HTML) - Infineon Technologies AG


TDA38641A Product details

Features
• Single 5 V to 17 V application or Wide Input Voltage Range from 3.0 V to 17 V with external Vcc
• Output Voltage Range: 0.25 V to 3.04 V with external feedback resistor divider in SVID mode
• Enhanced Fast COT Engine Stable with Ceramic output Capacitors and no External Compensation
• Optional Forced Continuous Conduction Mode and Diode Emulation for Enhanced Light Load Efficiency
• Pin Programmable Switching Frequency from 600 kHz to 1.2 MHz in steps of 200 kHz
• Pin Programmable Output Voltage, Mode Selection, Current Limit with 16 Selectable Settings
• Pin Programmability for SVID slave addresses
• Monotonic Startup with Selectable Soft-Start Time via SVID & Pre-Bias Startup
• Digitally programmable load-line without any external components
• Operating temp: -40 °C < Tj < 125 °C
• Small Size: 5 mm x 6 mm PQFN
• Lead-free, Halogen-free and RoHS2 Compliant with Exemption 7a




Similar Part No. - TDA38641A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA38641A INFINEON-TDA38641A Datasheet
1Mb / 68P
40A Single-voltage Synchronous Pin Programmable Buck Regulator with SVID Quality Requirement Category: Industrial
V2.1 2024-07-17
TDA38641A-0000 INFINEON-TDA38641A-0000 Datasheet
1Mb / 68P
40A Single-voltage Synchronous Pin Programmable Buck Regulator with SVID Quality Requirement Category: Industrial
V2.1 2024-07-17
TDA38641A0000AUMA1 INFINEON-TDA38641A0000AUMA1 Datasheet
1Mb / 68P
40A Single-voltage Synchronous Pin Programmable Buck Regulator with SVID Quality Requirement Category: Industrial
V2.1 2024-07-17
TDA38641AA-AABB INFINEON-TDA38641AA-AABB Datasheet
1Mb / 68P
40A Single-voltage Synchronous Pin Programmable Buck Regulator with SVID Quality Requirement Category: Industrial
V2.1 2024-07-17
More results


Similar Description - TDA38641A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
Single-Input Voltage, Synchronous Buck Regulator
IR3894M IRF-IR3894M_15 Datasheet
2Mb / 45P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3895M IRF-IR3895M_15 Datasheet
2Mb / 45P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3897M IRF-IR3897M_15 Datasheet
2Mb / 47P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
Single-Input Voltage, Synchronous Buck Regulator
logo
Texas Instruments
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
logo
Infineon Technologies A...
IR38164 INFINEON-IR38164 Datasheet
1Mb / 64P
30A Single-voltage Synchronous Buck Regulator with SVID
Feb 6 2019
TDA38640 INFINEON-TDA38640 Datasheet
2Mb / 70P
TDA38640 OptiMOS iPOL 40A Single-voltage Synchronous Buck Regulator with SVID and I2C
v2.4 2022-11-05
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com