Electronic Components Datasheet Search
  English  ▼

X  

MPM54313 Datasheet (PDF) - Monolithic Power Systems

MPM54313 Datasheet PDF - Monolithic Power Systems
Part # MPM54313
Download  MPM54313 Download
File Size   1322.97 Kbytes
Page   49 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, Triple 3A Power Module with I2C Interface

MPM54313 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM54313 Datasheet PDF - Monolithic Power Systems

Part # MPM54313
Download  MPM54313 Click to download

File Size   1322.97 Kbytes
Page   49 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, Triple 3A Power Module with I2C Interface

MPM54313 Datasheet (HTML) - Monolithic Power Systems


MPM54313 Product details

DESCRIPTION
The MPM54313 is a triple 3A, fully integrated
power module with an I
2C interface. The
MPM54313 offers a complete power solution
with built-in power-on/-off sequencing control,
configurable soft start, compensation, and
various protection thresholds.
Constant-on-time (COT) control provides ultrafast transient response. The output voltage (VOUT)
can be adjusted via the I2C bus or preset by the
multiple-time programmable (MTP) memory.
The power on/off sequence is also configurable
via the MTP, or it can be controlled via the I
2C
bus online.
The device offers configurable active voltage
positioning (AVP), which generates a droop
voltage that allows up to three outputs to be
paralleled with passive current balancing. In
addition, buck A and buck B can operate in
parallel for up to 6A in interleaving mode, which
allows for active current balancing.
Full protection features include under-voltage
lockout (UVLO), over-current protection (OCP),
over-voltage protection (OVP), under-voltage
protection (UVP), and thermal shutdown.
The MPM54313 requires a minimal number
external components, and it is available in a
compact BGA (8mmx9mmx2.58mm) package.

FEATURES
• Wide 4V to 16V Input Voltage (VIN) Range
• Adaptive Constant-On-Time (COT) Control
for Ultra-Fast Transient Response
• Parallel Operation with Passive or Active
Current Balancing
• I
2C-Configurable Output Voltage (VOUT)
• Configurable 500kHz to 1000kHz Switching
Frequency (fSW)
• Differential VOUT Remote Sense
• Accurate VOUT, Output Current (IOUT), and
Junction Temperature (TJ) Monitoring via
I
2C
• Open-Drain Power Good (PG) Indication
• Configurable I
2C Slave Address
• Selectable Pulse-Frequency Modulation
(PFM) / Pulse-Width Modulation (PWM)
Mode, Adjustable Frequency via I
2C
• Pre-Biased Start-Up
• Over-Current Protection (OCP), UnderVoltage Protection (UVP), Under-Voltage
Lockout (UVLO), Thermal Shutdown, and
Over-Voltage Protection (OVP)
• Available in a BGA (8mmx9mmx2.58mm)
Package

APPLICATIONS
• FPGA and ASIC Power Supplies
• Networking and Telecommunication
• Optical Module Power Supplies




Similar Part No. - MPM54313

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM54313GBJ MPS-MPM54313GBJ Datasheet
1Mb / 49P
16V, Triple 3A Power Module with I2C Interface
Rev. 1.0
More results


Similar Description - MPM54313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
3A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
logo
Texas Instruments
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
3A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
AiT Semiconductor Inc.
FDN304P AITSEMI-FDN304P Datasheet
497Kb / 6P
POWER MOSFET -3A, -16V P-CHANNEL
REV1.0
logo
Renesas Technology Corp
ISL91212A RENESAS-ISL91212A Datasheet
2Mb / 52P
Triple/Quad Output PMIC with I2C Interface
Feb 20, 2020
logo
Richtek Technology Corp...
RT8088A RICHTEK-RT8088A Datasheet
236Kb / 16P
2.7MHz 3A Step-Down Converter with I2C Interface
August 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com