Electronic Components Datasheet Search
  English  ▼

X  

XL1509Q Datasheet (PDF) - XLSEMI

XL1509Q Datasheet PDF - XLSEMI
Part # XL1509Q
Download  XL1509Q Download
File Size   630.73 Kbytes
Page   14 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 150KHz 45V 2A AEC-Q100 Buck DC to DC Converter

XL1509Q Datasheet (PDF)

Go To PDF Page Download Datasheet
XL1509Q Datasheet PDF - XLSEMI

Part # XL1509Q
Download  XL1509Q Click to download

File Size   630.73 Kbytes
Page   14 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 150KHz 45V 2A AEC-Q100 Buck DC to DC Converter

XL1509Q Datasheet (HTML) - XLSEMI


XL1509Q Product details

Features
 AEC-Q100 qualified for automotive
application
 Temperature Grade 1: -40℃ to 125℃
Ambient Operating Temperature Range
 Device HBM ESD Classification Level
Class3A
 Operating Voltage:4.5V~45V
 Adjustable and 5.0V Versions
 Minimum Drop Out 1.5V
 Fixed 150KHz Switching Frequency
 2A Constant Output Current Capability
 Internal Optimize Power Transistor
 TTL shutdown capability
 Built in thermal shutdown function
 Built in current limit protection function
 Built in output short protection function
 Available in SOP8-EPpackage

General Description
The XL1509Q is an AEC-Q100 qualified ,
150 KHz fixed frequency buck DC/DC
converter, capable of driving a 2A load with
high voltage, high efficiency. The XL1509Q
supports wide input operating voltage range
of 4.5V ~ 45V and a maximum duty cycle of
100% output. A built-in loop compensation
module reduces components in the system,
lowering power system cost and reducing
printed circuit board space.
The XL1509Q is available in adjustable and
fixed 5.0V versions. The XL1509Q has
built-in thermal shutdown, current limit
protection and output short protection
function and so on. When the output short
protection function happens, the operation
frequency will be reduced about from
150KHz to 30KHz.

Applications
 Vehicle Mounted Device
 Industrial and Motor Control
 Networking Equipment




Similar Part No. - XL1509Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1509 XLSEMI-XL1509 Datasheet
219Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
Wide 4.5V to 40V Input Voltage Range
logo
List of Unclassifed Man...
XL1509-12E1 ETC2-XL1509-12E1 Datasheet
276Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
XL1509-3.3E1 ETC2-XL1509-3.3E1 Datasheet
276Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
More results


Similar Description - XL1509Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1693 YOBON-YB1693 Datasheet
296Kb / 8P
2A / 150KHz Buck DC-DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
2A / 150KHz Buck Dc-Dc Converter
TS2596S TSC-TS2596S_07 Datasheet
718Kb / 9P
2A / 150KHz Buck Dc-Dc Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
2A / 150KHz Buck Dc-Dc Converter
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1509 XLSEMI-XL1509 Datasheet
219Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com