Electronic Components Datasheet Search
  English  ▼

X  

1846014 Datasheet (PDF) - PHOENIX CONTACT

1846014 Datasheet PDF - PHOENIX CONTACT
Part # 1846014
Download  1846014 Download
File Size   1350.53 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/10-G - PCB header

1846014 Datasheet (PDF)

Go To PDF Page Download Datasheet
1846014 Datasheet PDF - PHOENIX CONTACT

Part # 1846014
Download  1846014 Click to download

File Size   1350.53 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/10-G - PCB header

1846014 Datasheet (HTML) - PHOENIX CONTACT


1846014 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 20,
number of rows: 2, number of positions: 10, number of connections: 20, product range: MDSTBV
2,5/..-G, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard, Can be aligned! Mounting flange: Item No. 1836477, 1836480. In
combination with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug components is not
possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1846014

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18460 ATOM-18460 Datasheet
88Kb / 2P
Sanur
22nd of January 2025 08:47:11
logo
PHOENIX CONTACT
1846001 PHOENIX-1846001 Datasheet
82Kb / 5P
Base strip - MDSTBV 2,5/ 9-G
1846027 PHOENIX-1846027 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
1846030 PHOENIX-1846030 Datasheet
1Mb / 20P
MDSTBV 2,5/12-G - PCB header
logo
Weidmuller
1846050000 WEIDMULLER-1846050000 Datasheet
477Kb / 5P
SLS 5.08/04/180TB RF15 SN OR BX
More results


Similar Description - 1846014

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1763032 PHOENIX-1763032 Datasheet
142Kb / 9P
Base strip - MDSTBV 2,5/ 2-G
1763074 PHOENIX-1763074 Datasheet
175Kb / 7P
MDSTBV 2,5/ 2-G-5,08
1763087 PHOENIX-1763087 Datasheet
176Kb / 7P
MDSTBV 2,5/ 3-G-5,08
1846001 PHOENIX-1846001 Datasheet
82Kb / 5P
Base strip - MDSTBV 2,5/ 9-G
1845714 PHOENIX-1845714 Datasheet
571Kb / 17P
PCB header - MDSTBV 2,5/10-GF-5,08
Nov 30, 2022
1842144 PHOENIX-1842144 Datasheet
630Kb / 18P
PCB header - MDSTBA 2,5/10-G-5,08
Jan 3, 2023
1845992 PHOENIX-1845992 Datasheet
534Kb / 16P
PCB header - MDSTBV 2,5/ 8-G
Dec 30, 2022
1766424 PHOENIX-1766424 Datasheet
419Kb / 13P
PCB header - GMSTBA 2,5/10-G
1845549 PHOENIX-1845549 Datasheet
1Mb / 26P
PCB header - MDSTBV 2,5/ 8-G-5,08
1845730 PHOENIX-1845730 Datasheet
1Mb / 22P
MDSTBV 2,5/12-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com