Electronic Components Datasheet Search
  English  ▼

X  

1N4004 Datasheet (PDF) - ON Semiconductor

1N4004 Datasheet PDF - ON Semiconductor
Part # 1N4004
Download  1N4004 Download
File Size   221.43 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Axial-Lead Glass Passivated Standard Recovery Rectifiers

1N4004 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4004 Datasheet PDF - ON Semiconductor

Part # 1N4004
Download  1N4004 Click to download

File Size   221.43 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Axial-Lead Glass Passivated Standard Recovery Rectifiers

1N4004 Datasheet (HTML) - ON Semiconductor


1N4004 Product details

This data sheet provides information on subminiature size, axial
lead mounted rectifiers for general−purpose low−power applications.
Features
• Shipped in Plastic Bags, 1000 per bag
• Available Tape and Reeled, 5000 per reel, by adding a “RL” suffix to
the part number
• Available in Fan−Fold Packaging, 3000 per box, by adding a “FF”
suffix to the part number
• Pb−Free Packages are Available
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 0.4 gram (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds, 1/16 in. from case
• Polarity: Cathode Indicated by Polarity Band




Similar Part No. - 1N4004

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4004 PANJIT-1N4004 Datasheet
53Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
1N4004 PHILIPS-1N4004 Datasheet
40Kb / 5P
Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Surge Components
1N4004 SURGE-1N4004 Datasheet
99Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Transys Electronics
1N4004 TRSYS-1N4004 Datasheet
147Kb / 3P
PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
1N4004 WTE-1N4004 Datasheet
52Kb / 3P
1.0A SILICON RECTIFIER
More results


Similar Description - 1N4004

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N5400 ONSEMI-1N5400 Datasheet
42Kb / 6P
Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
logo
Weitron Technology
FM4001MH WEITRON-FM4001MH Datasheet
189Kb / 3P
Surface Mount Standard Recovery Glass Passivated Rectifiers
SM4001 WEITRON-SM4001 Datasheet
281Kb / 3P
Surface Mount Standard Recovery Glass Passivated Rectifiers
logo
ON Semiconductor
1N4001 ONSEMI-1N4001_05 Datasheet
45Kb / 6P
Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
logo
Weitron Technology
FM4001M WEITRON-FM4001M_09 Datasheet
279Kb / 3P
Surface Mount Standard Recovery Glass Passivated Rectifiers
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_08 Datasheet
120Kb / 6P
Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
HEF4093BTD-T ONSEMI-HEF4093BTD-T Datasheet
50Kb / 6P
Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4001 ONSEMI-1N4001_12 Datasheet
102Kb / 7P
Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com