Electronic Components Datasheet Search
  English  ▼

X  

1955934 Datasheet (PDF) - PHOENIX CONTACT

1955934 Datasheet PDF - PHOENIX CONTACT
Part # 1955934
Download  1955934 Download
File Size   1692.25 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCVA 2,5/10-G-5,08 P26THR - PCB header

1955934 Datasheet (PDF)

Go To PDF Page Download Datasheet
1955934 Datasheet PDF - PHOENIX CONTACT

Part # 1955934
Download  1955934 Click to download

File Size   1692.25 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCVA 2,5/10-G-5,08 P26THR - PCB header

1955934 Datasheet (HTML) - PHOENIX CONTACT


1955934 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 10,
number of rows: 1, number of positions: 10, number of connections: 10, product range: CCVA
2,5/..-G, pitch: 5.08 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB
2,5, Pin connector pattern alignment: Standard, locking: without, mounting: without, type of
packaging: packed in cardboard, For user information and design recommendations for throughhole
reflow technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Closed contour for optimum stability of the plug-in connection




Similar Part No. - 1955934

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1955930000 WEIDMULLER-1955930000 Datasheet
479Kb / 6P
BLZP 5.00HC/12/180F SN BK BX
More results


Similar Description - 1955934

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1955853 PHOENIX-1955853 Datasheet
630Kb / 15P
CCVA 2,5/ 2-G-5,08 P26THR
1955866 PHOENIX-1955866 Datasheet
133Kb / 5P
CCVA 2,5/ 3-G-5,08 P26THR
1955905 PHOENIX-1955905 Datasheet
133Kb / 5P
CCVA 2,5/ 7-G-5,08 P26THR
1955921 PHOENIX-1955921 Datasheet
133Kb / 5P
CCVA 2,5/ 9-G-5,08 P26THR
1955918 PHOENIX-1955918 Datasheet
1Mb / 28P
PCB header - CCVA 2,5/ 8-G-5,08 P26THR
Jan 3, 2023
1955963 PHOENIX-1955963 Datasheet
1Mb / 27P
PCB header - CCVA 2,5/ 2-G-5,08 P26THRR32
Jan 4, 2023
1955976 PHOENIX-1955976 Datasheet
1Mb / 27P
PCB header - CCVA 2,5/ 3-G-5,08 P26THRR32
Jan 3, 2023
1955895 PHOENIX-1955895 Datasheet
1Mb / 28P
CCVA 2,5/ 6-G-5,08 P26THR - PCB header
1955992 PHOENIX-1955992 Datasheet
1Mb / 27P
CCVA 2,5/ 5-G-5,08 P26THRR56 - PCB header
1956098 PHOENIX-1956098 Datasheet
359Kb / 11P
CCVA 2,5/ 3-G-5,08 RNP26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com