Electronic Components Datasheet Search
  English  ▼

X  

1909359 Datasheet (PDF) - PHOENIX CONTACT

1909359 Datasheet PDF - PHOENIX CONTACT
Part # 1909359
Download  1909359 Download
File Size   2054.47 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCT 2,5/16-ST - PCB connector

1909359 Datasheet (PDF)

Go To PDF Page Download Datasheet
1909359 Datasheet PDF - PHOENIX CONTACT

Part # 1909359
Download  1909359 Click to download

File Size   2054.47 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCT 2,5/16-ST - PCB connector

1909359 Datasheet (HTML) - PHOENIX CONTACT


1909359 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
16, number of rows: 1, number of positions: 16, number of connections: 16, product range: FKCT
2,5/..-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Quick and convenient testing using integrated test option
• Optimized for tight installation situations: operation and conductor connection from one direction
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1909359

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1909317 PHOENIX-1909317 Datasheet
144Kb / 5P
MSTBV 2,5/12-G
1909317 PHOENIX-1909317 Datasheet
145Kb / 5P
MSTB 2,5/12-G
1909320 PHOENIX-1909320 Datasheet
180Kb / 5P
MDSTB 2,5/13-G1
1909333 PHOENIX-1909333 Datasheet
148Kb / 5P
MSTBV 2,5/14-G
1909362 PHOENIX-1909362 Datasheet
180Kb / 5P
MDSTB 2,5/17-G1
More results


Similar Description - 1909359

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1902275 PHOENIX-1902275 Datasheet
142Kb / 6P
FKCT 2,5/18-ST-5,08
1921900 PHOENIX-1921900 Datasheet
158Kb / 5P
FKCT 2,5/ 4-ST KMGY
1706800 PHOENIX-1706800 Datasheet
69Kb / 3P
FKCT 2,5/ 2-ST BU
1909281 PHOENIX-1909281 Datasheet
456Kb / 20P
Printed-circuit board connector - FKCT 2,5/ 9-ST
09/12/2020
1902259 PHOENIX-1902259 Datasheet
539Kb / 18P
PCB connector - FKCT 2,5/16-ST-5,08
Nov 30, 2022
1732878 PHOENIX-1732878 Datasheet
1Mb / 25P
FKCN 2,5/16-ST - PCB connector
1902411 PHOENIX-1902411 Datasheet
1Mb / 22P
FKCT 2,5/13-STF-5,08 - PCB connector
1909414 PHOENIX-1909414 Datasheet
768Kb / 21P
FKCT 2,5/ 3-STF - PCB connector
1902437 PHOENIX-1902437 Datasheet
1Mb / 22P
FKCT 2,5/15-STF-5,08 - PCB connector
1909430 PHOENIX-1909430 Datasheet
710Kb / 19P
FKCT 2,5/ 5-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com