Electronic Components Datasheet Search
  English  ▼

X  

QPA4346DEVB Datasheet (PDF) - Qorvo, Inc

QPA4346DEVB Datasheet PDF - Qorvo, Inc
Part # QPA4346DEVB
Download  QPA4346DEVB Download
File Size   1561.69 Kbytes
Page   31 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 37.5 – 42.5 GHz 6 Watt GaN Power Amplifier

QPA4346DEVB Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA4346DEVB Datasheet PDF - Qorvo, Inc

Part # QPA4346DEVB
Download  QPA4346DEVB Click to download

File Size   1561.69 Kbytes
Page   31 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 37.5 – 42.5 GHz 6 Watt GaN Power Amplifier

QPA4346DEVB Datasheet (HTML) - Qorvo, Inc


QPA4346DEVB Product details

Product Overview
Qorvo's QPA4346D is a high power MMIC amplifier
fabricated on Qorvo's production 0.15 um GaN on SiC
process (QGaN15). It is targeted to the 37.5 - 42.5 GHz
Satcom Q-V band. QPA4346D achieves 3 W linear power
with 25 dBc third order intermodulation distortion products,
and 16 dB small signal gain. It provides 6 W of saturated
output power while achieving 20% power-added efficiency.
To simplify system integration, the QPA4346D is fully
matched to 50 ohms with integrated DC blocking caps on
both I/O ports. Its RF ports are DC coupled to ground for
optimum ESD performance.
The QPA4346D is ideal for supporting communications and
radar applications in both commercial and military markets.
The QPA4346D is 100% DC and RF tested on-wafer to
ensure compliance to electrical specifications.
Lead-free and RoHS compliant

Key Features
• Frequency Range: 37.5 – 42.5 GHz
• PSAT (PIN = 26 dBm): 38 dBm
• PAE (PIN = 26 dBm): 20 %
• IM3 (POUT/Tone = 32 dBm): -25 dBc
• Small Signal Gain: 16 dB
• Bias: VD = 24 V, IDQ = 140 mA, VG = -2.3 V typ. range
• Die Dimensions: 4.2 x 2.5 x 0.05 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more deta

Applications
• Satellite Communications




Similar Part No. - QPA4346DEVB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA4363A RFMD-QPA4363A Datasheet
767Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
Qorvo, Inc
QPA4363A QORVO-QPA4363A Datasheet
883Kb / 7P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
logo
RF Micro Devices
QPA4363APCK401 RFMD-QPA4363APCK401 Datasheet
767Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
Qorvo, Inc
QPA4363APCK401 QORVO-QPA4363APCK401 Datasheet
883Kb / 7P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
logo
RF Micro Devices
QPA4363ASQ RFMD-QPA4363ASQ Datasheet
767Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Similar Description - QPA4346DEVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
6-12 GHz 30W GaN Power Amplifier
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Qorvo, Inc
QPA2229D QORVO-QPA2229D Datasheet
1Mb / 24P
34 ??36 GHz 13 Watt GaN Power Amplifier
QPA2226D QORVO-QPA2226D Datasheet
1Mb / 24P
34 ??36 GHz 20 Watt GaN Power Amplifier
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
27.5 ??31 GHz 14 Watt GaN Power Amplifier
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
27 ??31 GHz 7 Watt GaN Power Amplifier
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
6-12 GHz 30W GaN Power Amplifier
TGA2307-SM QORVO-TGA2307-SM Datasheet
601Kb / 16P
4.5-6.5 GHz 50 Watt GaN Power Amplifier
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com