Electronic Components Datasheet Search
  English  ▼

X  

QPA1017DEVB Datasheet (PDF) - Qorvo, Inc

QPA1017DEVB Datasheet PDF - Qorvo, Inc
Part # QPA1017DEVB
Download  QPA1017DEVB Download
File Size   1037.95 Kbytes
Page   29 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 5.7 – 7 GHz 50 Watt GaN Power Amplifier

QPA1017DEVB Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA1017DEVB Datasheet PDF - Qorvo, Inc

Part # QPA1017DEVB
Download  QPA1017DEVB Click to download

File Size   1037.95 Kbytes
Page   29 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 5.7 – 7 GHz 50 Watt GaN Power Amplifier

QPA1017DEVB Datasheet (HTML) - Qorvo, Inc


QPA1017DEVB Product details

Product Overview
Qorvo's QPA1017D is a high power MMIC amplifier
fabricated on Qorvo's production 0.15 um GaN on SiC
process (QGaN15). The QPA1017D operates from 5.7 –
7.0 GHz, provides 50 W of saturated output power with 21
dB of large signal gain and greater than 40% power–added
efficiency. For satellite communications applications,
QPA1017D provides 25 W linear power with 25 dBc third
order intermodulation distortion products.
To simplify system integration, QPA1017D is fully matched
to 50 ohms. Input port is DC grounded for improved ESD
performance, output port is AC coupled with integrated DC
blocking capacitor.
Lead-free and RoHS compliant

Key Features
 Frequency Range: 5.7 – 7 GHz
 PSAT (PIN = 26 dBm): > 47 dBm
 PAE (PIN = 26 dBm): > 40 %
 Power Gain (PIN = 26 dBm): > 21 dB
 IM3 (POUT/Tone = 41 dBm): -25 dBc
 Small Signal Gain: > 28 dB
 Bias: VD = +24 V, IDQ = 1.5 A, VG = -2.5 V typ.
 Die Dimensions: 4.79 x 6.45 x 0.10 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.

Applications
 C-Band Radar
 Satellite Communications




Similar Part No. - QPA1017DEVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA1010 TRIQUINT-QPA1010 Datasheet
728Kb / 24P
15 W GaN Power Amplifier
logo
Qorvo, Inc
QPA1010 QORVO-QPA1010 Datasheet
1Mb / 26P
zzzzzzzzz7.9 ??11.0 GHz 15 W GaN Power Amplifier
May 2021
logo
TriQuint Semiconductor
QPA1010D TRIQUINT-QPA1010D Datasheet
1Mb / 26P
15 W GaN Power Amplifier
logo
Qorvo, Inc
QPA1010D QORVO-QPA1010D Datasheet
1Mb / 26P
7.9 ??11.0 GHz 15 W GaN Power Amplifier
April 2, 2021
QPA1010DPCB4B01 QORVO-QPA1010DPCB4B01 Datasheet
1Mb / 26P
7.9 ??11.0 GHz 15 W GaN Power Amplifier
April 2, 2021
More results


Similar Description - QPA1017DEVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Qorvo, Inc
QPA2229D QORVO-QPA2229D Datasheet
1Mb / 24P
34 ??36 GHz 13 Watt GaN Power Amplifier
QPA2226D QORVO-QPA2226D Datasheet
1Mb / 24P
34 ??36 GHz 20 Watt GaN Power Amplifier
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
27.5 ??31 GHz 14 Watt GaN Power Amplifier
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
27 ??31 GHz 7 Watt GaN Power Amplifier
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
QPM1017 QORVO-QPM1017 Datasheet
1Mb / 23P
5.7 ??7 GHz 100 W GaN Power Amplifier Module
TGA2307-SM QORVO-TGA2307-SM Datasheet
601Kb / 16P
4.5-6.5 GHz 50 Watt GaN Power Amplifier
QPA1000 QORVO-QPA1000 Datasheet
1,017Kb / 14P
2.8 ??3.2 GHz 50 Watt GaN Amplifier
April 2021
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com