Electronic Components Datasheet Search
  English  ▼

X  

ATA5781 Datasheet (PDF) - ATMEL Corporation

ATA5781 Datasheet PDF - ATMEL Corporation
Part # ATA5781
Download  ATA5781 Download
File Size   686.74 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description UHF ASK/FSK Receiver

ATA5781 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA5781 Datasheet PDF - ATMEL Corporation

Part # ATA5781
Download  ATA5781 Click to download

File Size   686.74 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description UHF ASK/FSK Receiver

ATA5781 Datasheet (HTML) - ATMEL Corporation


ATA5781 Product details

Features
● AVR® microcontroller core with 1Kbyte SRAM and 24Kbyte RF library in firmware
(ROM)
● Atmel® ATA5782: 20Kbyte of user flash
● Atmel ATA5783: 20Kbyte of user ROM
● Atmel ATA5781: No user memory — RF library in firmware only
● Supported frequency ranges
● Low-band 310MHz to 318MHz, 418MHz to 477MHz
● High-band 836MHz to 956MHz
● 315.00MHz/433.92MHz/868.30MHz and 915.00MHz with one 24.305MHz crystal
● Low current consumption
● 9.8mA for RXMode (low-band), 1.2mA for 21ms cycle three-channel polling
● Typical OFFMode current of 5nA (maximum 600nA at Vs = 3.6V and T = 85°C)
● Supports the 0dBm class of ARIB STD-T96
● Input 1dB compression point
● –48dBm (full sensitivity level)
● –20dBm (active antenna damping)
● Programmable channel frequency with fractional-N PLL
● 93Hz resolution for low-band
● 185Hz resolution for high-band
● FSK deviation ±0.375kHz to ±93kHz
● FSK sensitivity (Manchester coded) at 433.92MHz
● –108.5dBm at 20Kbit/s f = ± 20kHz BWIF = 165kHz
● –111dBm at 10Kbit/s f = ± 10kHz BWIF = 165kHz
● –114dBm at 5Kbit/s f = ± 5kHz BWIF = 165kHz
● –122.5dBm at 0.75Kbit/s f = ± 0.75kHz BWIF = 25kHz
● ASK sensitivity (Manchester coded) at 433.92MHz
● –110.5dBm at 20Kbit/s BWIF = 80kHz
● –125dBm at 0.5Kbit/s BWIF = 25kHz
● Programmable Rx-IF bandwidth 25kHz to 366kHz (approximately 10% steps)
● Blocking (BWIF = 165kHz): 64dBc at frequency offset = 1MHz and 48dBc at 225kHz
● High image rejection: 55dB at 315MHz/433.92MHz and 47dB at 868.3MHz/915MHz
without calibration
● Supported data rate in buffered mode 0.5Kbit/s to 80Kbit/s (120Kbit/s NRZ)
● Supports pattern-based wake-up and start of frame identification
● Flexible service configuration concept with on-the-fly (OTF) modification (in IDLEMode) of SRAM service parameters
(data rate, …)
● Each service consists of
● One service-specific configuration part
● Three channel-specific configuration parts
● Three service configurations are located in EEPROM
● Two service configurations are located in SRAM and can be modified via SPI or embedded application
software
● Digital RSSI with very high relative accuracy of ±1dB thanks to digitized IF processing
● Programmable clock output derived from crystal frequency
● 1024byte EEPROM data memory for receiver configuration
● SPI interface for Rx data access and receiver configuration
● 500Kbit SPI data rate for short periods on SPI bus and host controller
● On demand services (SPI or API) without polling or telegram reception
● Integrated temperature sensor
● Self check and calibration with temperature measurement
● Configurable EVENT signal indicates the status of the IC to an external microcontroller
● Automatic low-power channel polling
● Flexible polling configuration concerning timing, order and participating channels
● Fast reaction time
● Power-up (typical 1.5ms, OFFMode -> RXMode)
● Supports mixed ASK/FSK telegrams
● Non-byte aligned data reception
● Software customization
● Antenna diversity with external switch via GPIO control
● Antenna diversity with internal SPDT switch
● Supply voltage ranges 1.9V to 3.6V and 2.4V to 5.5V
● Temperature range –40°C to +105°C
● ESD protection at all pins (±4kV HBM, ±200V MM, ±750V FCDM)
● Small 55mm QFN32 package/pitch 0.5mm
● Backward package and pin-to-pin compatibility with Atmel® ATA5780N
● Backward RF matching compatibility with Atmel ATA5780N (RF redesign not needed)
● Suitable for applications governed by EN 300 220 and FCC part 15, title 47




Similar Part No. - ATA5781

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5781 ATMEL-ATA5781 Datasheet
1Mb / 20P
AVR microcontroller core with 1Kbyte SRAM and 24Kbyte RF library in firmware (ROM)
ATA5781 ATMEL-ATA5781_14 Datasheet
755Kb / 20P
UHF ASK/FSK Receiver
More results


Similar Description - ATA5781

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
UHF ASK/FSK Receiver
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
UHF ASK/FSK Receiver
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
UHF ASK/FSK Receiver
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com