Electronic Components Datasheet Search
  English  ▼

X  

1709435 Datasheet (PDF) - PHOENIX CONTACT

1709435 Datasheet PDF - PHOENIX CONTACT
Part # 1709435
Download  1709435 Download
File Size   410.24 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSM 0,5/ 2-PI-2,5 BK - PCB connectors

1709435 Datasheet (PDF)

Go To PDF Page Download Datasheet
1709435 Datasheet PDF - PHOENIX CONTACT

Part # 1709435
Download  1709435 Click to download

File Size   410.24 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSM 0,5/ 2-PI-2,5 BK - PCB connectors

1709435 Datasheet (HTML) - PHOENIX CONTACT


1709435 Product details

PCB connector, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 2, number
of rows: 1, number of positions: 2, number of connections: 2, product range: PTSM 0,5/..-PI,
pitch: 2.5 mm, connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, plug-in system: COMBICON PTSM, locking: without, mounting: without, type of
packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• High current carrying capacity of 6 A in very compact dimensions
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections




Similar Part No. - 1709435

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170943 FESTO-170943 Datasheet
90Kb / 2P
Guided actuator
logo
PHOENIX CONTACT
1709432 PHOENIX-1709432 Datasheet
355Kb / 11P
MKKDS 1,5/11-5,08 - PCB terminal block
More results


Similar Description - 1709435

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1778625 PHOENIX-1778625 Datasheet
124Kb / 4P
PTSM 0,5/ 2-HH-2,5-THR R16
1709450 PHOENIX-1709450 Datasheet
109Kb / 4P
Plug - PTSM 0,5/ 2-PI-2,5 WH
1709451 PHOENIX-1709451 Datasheet
109Kb / 4P
Plug - PTSM 0,5/ 3-PI-2,5 WH
1709452 PHOENIX-1709452 Datasheet
109Kb / 4P
Plug - PTSM 0,5/ 4-PI-2,5 WH
1709453 PHOENIX-1709453 Datasheet
111Kb / 4P
Plug - PTSM 0,5/ 5-PI-2,5 WH
1709454 PHOENIX-1709454 Datasheet
109Kb / 4P
Plug - PTSM 0,5/ 6-PI-2,5 WH
1709455 PHOENIX-1709455 Datasheet
109Kb / 4P
Plug - PTSM 0,5/ 7-PI-2,5 WH
1709456 PHOENIX-1709456 Datasheet
109Kb / 4P
Plug - PTSM 0,5/ 8-PI-2,5 WH
1778832 PHOENIX-1778832 Datasheet
98Kb / 4P
PTSM 0,5/ 2-P-2,5
1709442 PHOENIX-1709442 Datasheet
411Kb / 15P
PTSM 0,5/ 2-PL-2,5 BK - Printed-circuit board connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com