Electronic Components Datasheet Search
  English  ▼

X  

TMR3003 Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

TMR3003 Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # TMR3003
Download  TMR3003 Download
File Size   235.31 Kbytes
Page   4 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description TMR3003 TMR High Magnetic Field Dual-Axis Angle Sensor

TMR3003 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMR3003 Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # TMR3003
Download  TMR3003 Click to download

File Size   235.31 Kbytes
Page   4 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description TMR3003 TMR High Magnetic Field Dual-Axis Angle Sensor

TMR3003 Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


TMR3003 Product details

Features and Benefits
 High Magnetic Field Tunneling Magnetoresistance (TMR) Technology
 Wide 1 kOe Operating Range Provides Highest Air Gap Insensitivity
 Excellent Immunity to Environmental Magnetic Disturbance
 Large Output Signal Without Amplification
 High Accuracy Dual-Axis 360° Angle Measurement
 Compatible with Wide Range of Supply Voltages
 Fast Response for High-Speed Applications
 Excellent Thermal Stability
 Compact LGA Package

Applications
 Rotary Position Sensors
 Rotary Encoders
 Contactless Potentiometers
 Valve Position Sensors
 Knob Position Sensors

General Description
The output voltages of the dual-axis TMR3003 TMR high-field angle sensor are proportional to the
sine and cosine of the angle of a magnetic field applied parallel to the surface of the TMR3003.
These sine and cosine signals are provided by two orthogonal full bridge TMR angle sensors. Each
full bridge TMR angle sensor includes four unique high-field TMR sensor arms connected in a
push-pull arrangement to produce a best-in-class peak-to-peak signal as large as 90% of the supply
voltage, eliminating the need for amplification in many applications, while maintaining low error as
the magnetic field is varied over a range of 1 kOe. Additionally, the TMR full bridge technology
accurately compensates the output against changes in ambient temperature. This sensor is
assembled in a compact LGA8 package of 3.0 mm  3.0 mm  0.9 mm.

Operation
A small dipolar magnet, placed above the TMR3003, can provide a magnetic field in any desired
orientation parallel to the plane of the TMR3003 package. The magnetic field is detected by the
TMR sensors in the TMR3003 which are comprised of two ferromagnetic layers. One layer is a
“pinned layer” that is not affected by the magnetic field, and the other is “free layer,” which has a
magnetization that aligns parallel to the applied magnetic field. Because the TMR effect produces a
resistance that is proportional to the sine or cosine of the relative difference between the free and
pinned layer magnetization orientations, the sensor output voltage is sinusoidally dependent on the
angle of the applied magnetic field, thereby providing a true 360° measure of the orientation of the
magnetic field.




Similar Part No. - TMR3003

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
TMR3001 AEC-TMR3001 Datasheet
418Kb / 5P
TMR Dual-Axis Angle Sensor
logo
MultiDimension Technolo...
TMR3001 MULTIDIMENSION-TMR3001 Datasheet
587Kb / 5P
TMR Dual Axis Angle Sensor
V1.0a
logo
American Electronic Com...
TMR3002 AEC-TMR3002 Datasheet
424Kb / 5P
TMR Dual-Axis Angle Sensor
logo
MultiDimension Technolo...
TMR3002 MULTIDIMENSION-TMR3002 Datasheet
592Kb / 5P
TMR Dual Axis Angle Sensor
V1.0a
logo
American Electronic Com...
TMR3004 AEC-TMR3004 Datasheet
440Kb / 5P
TMR High Magnetic Field Dual-Axis Anlge Sensor
More results


Similar Description - TMR3003

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
TMR3002 AEC-TMR3002 Datasheet
424Kb / 5P
TMR Dual-Axis Angle Sensor
TMR3004 AEC-TMR3004 Datasheet
440Kb / 5P
TMR High Magnetic Field Dual-Axis Anlge Sensor
TMR3001 AEC-TMR3001 Datasheet
418Kb / 5P
TMR Dual-Axis Angle Sensor
logo
Willow Technologies Ltd
CRM500-510 WILLOW-CRM500-510 Datasheet
621Kb / 2P
3-Axis Magnetic Field Sensor
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
TMR3001 MULTIDIMENSION-TMR3001 Datasheet
587Kb / 5P
TMR Dual Axis Angle Sensor
V1.0a
TMR3002 MULTIDIMENSION-TMR3002 Datasheet
592Kb / 5P
TMR Dual Axis Angle Sensor
V1.0a
TMR3004 MULTIDIMENSION-TMR3004 Datasheet
606Kb / 5P
TMR High Magnetic Field Dual-Axis Angle Sensor
V1.0b
TMR3005 MULTIDIMENSION-TMR3005 Datasheet
696Kb / 6P
Dual-axis TMR Angle Sensor
Version 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com