Electronic Components Datasheet Search
  English  ▼

X  

MMA253F Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

MMA253F Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # MMA253F
Download  MMA253F Download
File Size   362.96 Kbytes
Page   4 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MMA253F TMR Dual-Axis Angle Sensor

MMA253F Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA253F Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # MMA253F
Download  MMA253F Click to download

File Size   362.96 Kbytes
Page   4 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MMA253F TMR Dual-Axis Angle Sensor

MMA253F Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


MMA253F Product details

Features and Benefits
 Tunneling Magnetoresistance (TMR) Technology
 Large Output Signal without Amplification
 Dual-Axis 360°Angle Measurement
 Compatible with Wide Range of Supply Voltages
 High Resistance for Low Power Consumption
 Wide Air-Gap Tolerance
 Excellent Thermal Stability
 Compact LGA Package

Applications
 Rotary Position Sensors
 Rotary Encoders
 Contactless Potentiometers
 Valve Position Sensors
 Knob Position Sensors

General Description
The dual-axis output voltages of the MMA253F TMR angle sensor are proportional to the sine and
cosine of the angle of a magnetic field applied parallel to the surface of the sensor, which can be
provided by a small magnet positioned above the device. The MMA253F includes two Wheatstone
bridges, which can be configured to output sine and cosine functions respectively. Each bridge
includes four TMR sensor elements in a push-pull arrangement to produce a best-in-class
peak-to-peak signal as large as 100% of the supply voltage, eliminating the need for amplification
in many applications. Additionally, the unique TMR Wheatstone bridge technology accurately
compensates the output against changes in ambient temperature. This sensor is assembled in a
compact LGA8 package of 3.0 mm  3.0 mm  0.9 mm.

Operation
A small magnet, placed above the MMA253F, can be used to provide a magnetic field in any
desired orientation parallel to the plane of the MMA253F package. The magnetic field is detected
by TMR sensors in the MMA253F that are composed of two magnetic layers. One layer of the
TMR sensors is a “pinned layer” that is not affected by the magnetic field, and the other is “free
layer,” which has a magnetization that aligns parallel to the applied magnetic field. Because the
TMR effect produces a resistance that is proportional to the sine or cosine of the relative difference
between the free and pinned layer magnetization orientations, the sensor output voltage is
sinusoidally dependent on the angle of the applied magnetic field, thereby providing a measure of
the orientation of the magnet.




Similar Part No. - MMA253F

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA25312B FREESCALE-MMA25312B Datasheet
899Kb / 12P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMA25312B NXP-MMA25312B Datasheet
342Kb / 10P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
logo
Freescale Semiconductor...
MMA25312BT1 FREESCALE-MMA25312BT1 Datasheet
899Kb / 12P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMA25312BT1 NXP-MMA25312BT1 Datasheet
342Kb / 10P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
More results


Similar Description - MMA253F

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
TMR3002 AEC-TMR3002 Datasheet
424Kb / 5P
TMR Dual-Axis Angle Sensor
TMR2301 AEC-TMR2301 Datasheet
429Kb / 5P
3 axis TMR linear sensor
TMR2309 AEC-TMR2309 Datasheet
379Kb / 5P
Z-axis TMR linear sensor
TMR3001 AEC-TMR3001 Datasheet
418Kb / 5P
TMR Dual-Axis Angle Sensor
logo
MultiDimension Technolo...
TMR2501 MULTIDIMENSION-TMR2501 Datasheet
820Kb / 5P
Z-axis TMR linear sensor
V1.2
TMR2503 MULTIDIMENSION-TMR2503 Datasheet
730Kb / 5P
Z-axis TMR linear sensor
V1.2
TMR3001 MULTIDIMENSION-TMR3001 Datasheet
587Kb / 5P
TMR Dual Axis Angle Sensor
V1.0a
TMR3002 MULTIDIMENSION-TMR3002 Datasheet
592Kb / 5P
TMR Dual Axis Angle Sensor
V1.0a
TMR3004 MULTIDIMENSION-TMR3004 Datasheet
606Kb / 5P
TMR High Magnetic Field Dual-Axis Angle Sensor
V1.0b
TMR3005 MULTIDIMENSION-TMR3005 Datasheet
696Kb / 6P
Dual-axis TMR Angle Sensor
Version 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com