Electronic Components Datasheet Search
  English  ▼

X  

35199-40 Datasheet (PDF) - Alpha Wire

35199-40 Datasheet PDF - Alpha Wire
Part # 35199-40
Download  35199-40 Download
File Size   397.97 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 22 (7/30) AWG Tinned Copper

35199-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
35199-40 Datasheet PDF - Alpha Wire

Part # 35199-40
Download  35199-40 Click to download

File Size   397.97 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 22 (7/30) AWG Tinned Copper

35199-40 Datasheet (HTML) - Alpha Wire




Similar Part No. - 35199-40

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35199-0900 MOLEX4-35199-0900 Datasheet
68Kb / 2P
2.50mm (.098") Pitch Housing Positive Locking, 9 Circuits
35199-0900 MOLEX11-35199-0900 Datasheet
24Kb / 1P
2.50mm Pitch Housing Positive Locking, 9 Circuits
35199-1500 MOLEX4-35199-1500 Datasheet
68Kb / 2P
2.50mm (.098") Pitch Housing Positive Locking, 15 Circuits
35199-1500 MOLEX11-35199-1500 Datasheet
24Kb / 1P
2.50mm Pitch Housing Positive Locking, 15 Circuits
logo
Alpha Wire
35199-20 ALPHAWIRE-35199-20 Datasheet
395Kb / 4P
22 (7/30) AWG Tinned Copper
More results


Similar Description - 35199-40

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
123109A BELDEN-123109A Datasheet
84Kb / 2P
FOUR 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133105A BELDEN-133105A Datasheet
83Kb / 2P
ONE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
133108A BELDEN-133108A Datasheet
36Kb / 1P
THREE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com