Electronic Components Datasheet Search
  English  ▼

X  

PXD30-24WD15 Datasheet (PDF) - TDK Electronics

PXD30-24WD15 Datasheet PDF - TDK Electronics
Part # PXD30-24WD15
Download  PXD30-24WD15 Download
File Size   275.13 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single and Dual Output 30W DC-DC Converters

PXD30-24WD15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PXD30-24WD15 Datasheet PDF - TDK Electronics

Part # PXD30-24WD15
Download  PXD30-24WD15 Click to download

File Size   275.13 Kbytes
Page   2 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single and Dual Output 30W DC-DC Converters

PXD30-24WD15 Datasheet (HTML) - TDK Electronics


PXD30-24WD15 Product details

Features
u Industry Standard 2” x 1” Footprint
u Six Sided Shielding
u Safety Agency Certifi cations
u 9-36V or 18-75VDC Input
u Wide range input




Similar Part No. - PXD30-24WD15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXD30-24WD15 TDK-PXD30-24WD15 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXD30-24WD15 TDK-PXD30-24WD15 Datasheet
564Kb / 4P
Single and Dual output 30W DC-DC converters
More results


Similar Description - PXD30-24WD15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
F2500RW MPD-F2500RW Datasheet
235Kb / 2P
2:1 Input 25W - 30W Single & Dual Output DC/DC Converters
logo
TDK Electronics
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXE2048WD05 TDK-PXE2048WD05 Datasheet
307Kb / 2P
Single and Dual Output 20W to 30W DC-DC Converters
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000_15 Datasheet
658Kb / 7P
DC/DC CONVERTER 30W, Single & Dual Output
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
30W Single/Dual Output DC/DC Converter
S24SE05006NDFA DELTA-S24SE05006NDFA Datasheet
1Mb / 15P
30W Single/Dual Output DC/DC Converter
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com