Electronic Components Datasheet Search
  English  ▼

X  

1239508 Datasheet (PDF) - PHOENIX CONTACT

1239508 Datasheet PDF - PHOENIX CONTACT
Part # 1239508
Download  1239508 Download
File Size   310.86 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-M12FST-4CON-M16/3,0X - Device connector front mounting

1239508 Datasheet (PDF)

Go To PDF Page Download Datasheet
1239508 Datasheet PDF - PHOENIX CONTACT

Part # 1239508
Download  1239508 Click to download

File Size   310.86 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-M12FST-4CON-M16/3,0X - Device connector front mounting

1239508 Datasheet (HTML) - PHOENIX CONTACT


1239508 Product details

Device connector front mounting, Power, 4-position, Socket, straight, M12-Standard, coding: T,
on free cable end, Front mounting, M16 x 1.5, Individual wires, cable length: 3 m, 1.31 mm2,
UL/cUL stranded hook-up wire, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %)

Your advantages
• For compact devices: transmit high power in a confined space
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1239508

ManufacturerPart #DatasheetDescription
logo
Heyco.
12395 HEYCO-12395 Datasheet
129Kb / 1P
Continuous Grommet Rolls
logo
PHOENIX CONTACT
1239513 PHOENIX-1239513 Datasheet
286Kb / 9P
SACC-E-M12MSL-4FE-M16XL/0,2 GRX - Device connector front mounting
1239514 PHOENIX-1239514 Datasheet
324Kb / 10P
SACC-E-M12FSL-4FE-M16XL/0,2 GRX - Device connector front mounting
1239515 PHOENIX-1239515 Datasheet
248Kb / 8P
SACC-DSI-M12MSL4FE-M16XL/0,2GRX - Device connector rear mounting
1239516 PHOENIX-1239516 Datasheet
266Kb / 9P
SACC-DSI-M12FSL4FE-M16XL/0,2GRX - Device connector rear mounting
More results


Similar Description - 1239508

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424134 PHOENIX-1424134 Datasheet
349Kb / 9P
SACC-DSI-M12FST-4CON-M16/0,5 - Device connector, rear mounting
1424137 PHOENIX-1424137 Datasheet
515Kb / 12P
SACC-E-M12FSS-4CON-M16/0,5 PE - Device connector front mounting
1424138 PHOENIX-1424138 Datasheet
367Kb / 11P
SACC-E-M12FST-4CON-M16/0,5 - Device connector front mounting
1424139 PHOENIX-1424139 Datasheet
539Kb / 12P
SACC-E-M12MSS-4CON-M16/0,5 PE - Device connector front mounting
1424140 PHOENIX-1424140 Datasheet
361Kb / 10P
SACC-E-M12MST-4CON-M16/0,5 - Device connector front mounting
1523434 PHOENIX-1523434 Datasheet
543Kb / 15P
SACC-E-FS-4CON-M16/0,5 SCO - Device connector front mounting
1523450 PHOENIX-1523450 Datasheet
545Kb / 14P
SACC-E-MS-4CON-M16/0,5 SCO - Device connector front mounting
1535202 PHOENIX-1535202 Datasheet
538Kb / 16P
SACC-E-FSD-4CON-M16/0,5 SCO - Device connector front mounting
1108117 PHOENIX-1108117 Datasheet
557Kb / 12P
SACC-E-MS-4CON-M16/0,5 PP - Device connector front mounting
1551558 PHOENIX-1551558 Datasheet
524Kb / 12P
SACC-E-MSD-4CON-M16/0,5 SCO - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com