Electronic Components Datasheet Search
  English  ▼

X  

MUR440G Datasheet (PDF) - ON Semiconductor

MUR440G Datasheet PDF - ON Semiconductor
Part # MUR440G
Download  MUR440G Download
File Size   194.45 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-Mode Power Rectifiers

MUR440G Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR440G Datasheet PDF - ON Semiconductor

Part # MUR440G
Download  MUR440G Click to download

File Size   194.45 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch-Mode Power Rectifiers

MUR440G Datasheet (HTML) - ON Semiconductor


MUR440G Product details

These state−of−the−art devices are a series designed for use in
switching power supplies, inverters and as free wheeling diodes.
Features
• Ultrafast 25 ns, 50 ns and 75 ns Recovery Times
• 175°C Operating Junction Temperature
• Low Forward Voltage
• Low Leakage Current
• High Temperature Glass Passivated Junction
• Reverse Voltage to 600 V
• Shipped in Plastic Bags, 500 per Bag
• Available in Tape and Reel, 1500 per Reel, by Adding a “RLG’’
Suffix to the Part Number
• MUR460 available in Fan Fold Ammo Pak, 1000 per Box,
by adding a “FFG” suffix to the part number
• These are Pb−Free Packages*
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.1 Gram (Approximately)
• Finish: All External Surfaces Corrosion Resistant and
Terminal Leads are Readily Solderable
• Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Polarity: Cathode indicated by Polarity Band




Similar Part No. - MUR440G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR440G ONSEMI-MUR440G Datasheet
67Kb / 7P
SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
MUR440G ONSEMI-MUR440G Datasheet
118Kb / 8P
SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 15
logo
Jinan Jing Heng Electro...
MUR440G JINGHENG-MUR440G Datasheet
62Kb / 2P
SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR440G DGNJDZ-MUR440G Datasheet
183Kb / 2P
4.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
DIYI Electronic Technol...
MUR440G DYELEC-MUR440G Datasheet
1Mb / 2P
4.0 A Ultrafast Glass Passivated Rectifiers
More results


Similar Description - MUR440G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MBR2045MFS ONSEMI-MBR2045MFS Datasheet
62Kb / 5P
Switch Mode Power Rectifiers
March, 2014 ??Rev. 1
MBRD620CT ONSEMI-MBRD620CT_16 Datasheet
73Kb / 6P
Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
Switch-mode Power Rectifiers
January, 2012 - Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com