Electronic Components Datasheet Search
  English  ▼

X  

MURS360 Datasheet (PDF) - ON Semiconductor

MURS360 Datasheet PDF - ON Semiconductor
Part # MURS360
Download  MURS360 Download
File Size   282.51 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Rectifiers, Ultra-fast Recovery

MURS360 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURS360 Datasheet PDF - ON Semiconductor

Part # MURS360
Download  MURS360 Click to download

File Size   282.51 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Rectifiers, Ultra-fast Recovery

MURS360 Datasheet (HTML) - ON Semiconductor


MURS360 Product details

This series employs the state−of−the−art epitaxial construction with
oxide passivation and metal overlay contact. Ideally suited for high
voltage, high frequency rectification, or as free wheeling and
protection diodes, in surface mount applications where compact size
and weight are critical to the system.
Features
• Small Compact Surface Mountable Package with J−Bend Leads
• Rectangular Package for Automated Handling
• High Temperature Glass Passivated Junction
• Low Forward Voltage Drop
(0.71 to 1.05 Volts Max @ 3.0 A, TJ = 150°C)
• SURS8 Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable*
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics
• Case: Epoxy, Molded
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Weight: 217 mg (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Shipped in 16 mm Tape and Reel, 2500 units per reel
• Polarity: Polarity Band on Plastic Body Indicates Cathode Lead
• Device Meets MSL1 Requirements
• ESD Ratings:
♦ Human Body Model, 3B (> 8 kV)
♦ Charged Device Model, > 1000 V (Class C5)




Similar Part No. - MURS360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURS360 MOTOROLA-MURS360 Datasheet
107Kb / 4P
ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
logo
Vishay Siliconix
MURS360 VISHAY-MURS360 Datasheet
24Kb / 2P
Ultrafast Rectifiers
18-Nov-02
MURS360 VISHAY-MURS360 Datasheet
106Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
logo
Rectron Semiconductor
MURS360 RECTRON-MURS360 Datasheet
299Kb / 4P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
logo
Frontier Electronics.
MURS360 FRONTIER-MURS360 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
More results


Similar Description - MURS360

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5812 MICROSEMI-1N5812 Datasheet
114Kb / 1P
ULTRA FAST RECOVERY RECTIFIERS
UFS110J MICROSEMI-UFS110J Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFS330 MICROSEMI-UFS330 Datasheet
97Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFS530 MICROSEMI-UFS530 Datasheet
97Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
logo
Comchip Technology
UF3001-G COMCHIP-UF3001-G Datasheet
80Kb / 3P
Ultra Fast Recovery Rectifiers
UF3001-HF COMCHIP-UF3001-HF Datasheet
80Kb / 3P
Ultra Fast Recovery Rectifiers
logo
New Jersey Semi-Conduct...
10DF1 NJSEMI-10DF1 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
logo
Digitron Semiconductors
1N6616 DIGITRON-1N6616 Datasheet
110Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
logo
Central Semiconductor C...
CR8U-02FP CENTRAL-CR8U-02FP_15 Datasheet
475Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
logo
Dongguan City Niuhang E...
MUR6020PT NIUHANG-MUR6020PT Datasheet
305Kb / 3P
ULTRA FAST RECOVERY RECTIFIERS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com