Electronic Components Datasheet Search
  English  ▼

X  

1416149 Datasheet (PDF) - PHOENIX CONTACT

1416149 Datasheet PDF - PHOENIX CONTACT
Part # 1416149
Download  1416149 Download
File Size   1715.77 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/1,5-810/M12FR-3L - Sensor/actuator cable

1416149 Datasheet (PDF)

Go To PDF Page Download Datasheet
1416149 Datasheet PDF - PHOENIX CONTACT

Part # 1416149
Download  1416149 Click to download

File Size   1715.77 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/1,5-810/M12FR-3L - Sensor/actuator cable

1416149 Datasheet (HTML) - PHOENIX CONTACT


1416149 Product details

Sensor/actuator cable, 5-position, PUR halogen-free, welding sputter-resistant, orange
RAL 2003, Plug straight M12, coding: A, with 3 LEDs, on Socket angled M12, coding: A, with 3
LEDs, cable length: 1.5 m, for robots and drag chains

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable solution for the body shop as cable is welding sputter resistant
• Convenient: increased machine availability thanks to quick and easy diagnostics




Similar Part No. - 1416149

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416140 PHOENIX-1416140 Datasheet
1Mb / 17P
SAC-5P-M12MS/5,0-810/M12FS - Sensor/actuator cable
1416141 PHOENIX-1416141 Datasheet
112Kb / 4P
Network cable - VS-PPC/PL-IP20-93B-LI/5,0
1416142 PHOENIX-1416142 Datasheet
1Mb / 17P
SAC-5P-M12MS/0,3-810/M12FR-3L - Sensor/actuator cable
1416144 PHOENIX-1416144 Datasheet
277Kb / 7P
SACC-DSIV-M12-NUT - Housing screw connection
1416144 PHOENIX-1416144 Datasheet
159Kb / 8P
Bus system flat-type plug
01/11/2017
More results


Similar Description - 1416149

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400794 PHOENIX-1400794 Datasheet
108Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/1,5-PUR/AD-2L
1404039 PHOENIX-1404039 Datasheet
122Kb / 9P
Sensor/actuator cable - SAC-5P-M12MS/1,5-600 HD
09/11/2020
1415624 PHOENIX-1415624 Datasheet
162Kb / 12P
Sensor/actuator cable - SAC-4P-M12MS/1,5-PVC/M12FR-3L
09/11/2020
1454545 PHOENIX-1454545 Datasheet
112Kb / 5P
Sensor/actuator cable - SAC-5P-M12MS/ 2,0-802/M12FR
12/05/2018
1457319 PHOENIX-1457319 Datasheet
152Kb / 11P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-802/M12FR-3L
09/11/2020
1501003 PHOENIX-1501003 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 0,3-PUR/M12FR SH
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1567173 PHOENIX-1567173 Datasheet
149Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/0,6-800/M12FR-3L
09/11/2020
1669903 PHOENIX-1669903 Datasheet
142Kb / 11P
Sensor/actuator cable - SAC-5P- 5,0-PUR/M12FR-3L
09/11/2020
1681211 PHOENIX-1681211 Datasheet
84Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR-3L
12/07/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com