Electronic Components Datasheet Search
  English  ▼

X  

1291348 Datasheet (PDF) - PHOENIX CONTACT

1291348 Datasheet PDF - PHOENIX CONTACT
Part # 1291348
Download  1291348 Download
File Size   533.38 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MSK/10,0-U60/FSKPESH - Power cable

1291348 Datasheet (PDF)

Go To PDF Page Download Datasheet
1291348 Datasheet PDF - PHOENIX CONTACT

Part # 1291348
Download  1291348 Click to download

File Size   533.38 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MSK/10,0-U60/FSKPESH - Power cable

1291348 Datasheet (HTML) - PHOENIX CONTACT


1291348 Product details

Power cable, 5-position, PVC, black, shielded (Advanced Shielding Technology), Plug straight
M12, coding: K, on Socket straight M12, coding: K, cable length: 10 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special K-coding
• Shield power reliably – 360° shielding to reduce electromagnetic loads




Similar Part No. - 1291348

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1291340000 WEIDMULLER-1291340000 Datasheet
465Kb / 4P
SL-SMT 3.50/07/180RF 1.5SN BK BX
logo
PHOENIX CONTACT
1291349 PHOENIX-1291349 Datasheet
535Kb / 10P
SAC-5P-M12MSK/ 5,0-U60/FSKPESH - Power cable
More results


Similar Description - 1291348

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1435111 PHOENIX-1435111 Datasheet
110Kb / 7P
Sensor/Actuator cable - SAC-5P-10,0-PUR/AD-2L
1438671 PHOENIX-1438671 Datasheet
63Kb / 4P
Cable - SAC-5P-10,0-PVC/AD-2L
1454448 PHOENIX-1454448 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-5P-10,0-802/M12FS
09/11/2020
1518232 PHOENIX-1518232 Datasheet
132Kb / 8P
Bus system cable - SAC-5P-10,0-920/FS SCO
09/11/2020
1683374 PHOENIX-1683374 Datasheet
134Kb / 10P
Sensor/actuator cable - SAC-5P-10,0-PUR/M12FS
09/11/2020
1405984 PHOENIX-1405984 Datasheet
1Mb / 9P
Bus system cable - SAC-5P-10,0-924/FR SCO
1507492 PHOENIX-1507492 Datasheet
1Mb / 19P
SAC-5P-10,0-920/M12FS - Bus system cable
1507133 PHOENIX-1507133 Datasheet
1Mb / 23P
SAC-5P-10,0-900/M12FSB - Bus system cable
1507447 PHOENIX-1507447 Datasheet
764Kb / 20P
SAC-5P-M12MS/10,0-920 - Bus system cable
1517932 PHOENIX-1517932 Datasheet
1Mb / 9P
SAC-5P-10,0-900/FSB SCO - Bus system cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com