Electronic Components Datasheet Search
  English  ▼

X  

DS28E30 Datasheet (PDF) - Analog Devices

DS28E30 Datasheet PDF - Analog Devices
Part # DS28E30
Download  DS28E30 Download
File Size   364.65 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1-Wire ECDSA Secure Authenticator

DS28E30 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28E30 Datasheet PDF - Analog Devices

Part # DS28E30
Download  DS28E30 Click to download

File Size   364.65 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1-Wire ECDSA Secure Authenticator

DS28E30 Datasheet (HTML) - Analog Devices


DS28E30 Product details

Benefits and Features
●Robust Countermeasures Protect Against SecurityAttacks
•All Stored Data Cryptographically Protected fromDiscovery
●ECC P-256 Secure Compute Engine
•Preprogrammed and Write-Protected ECC P-256Key Pair
•FIPS 186-4 Compliant ECDSA for StrongChallenge/Response Authentication
•ECDSA Authenticated R/W of Configurable Memory
●TRNG Used for Secure ECDSA Nonces
●Supplemental Features Enable Easy Integration intoEnd Applications
•17-Bit, One-Time Settable, Nonvolatile Decrement-Only Counter with Authenticated Read
•3Kb of Secure EEPROM for User Data, Keys,Certificate, and Secure Counter
•Unique and Unalterable Factory-Programmed,64-Bit Identification Number (ROM ID)
•Authenticity Verification with ECDSA UsingPreprogrammed Maxim Certificate
•Advanced 1-Wire Protocol Minimizes Interface toSingle Contact
•Full-Time Overdrive Communication Speed
•Operating Range: -40°C to +85°C, 1.62V to 5V
•4-Bump WLP and 6-Pin TSOC Packages
•3.5μA (typ) Input Load Current
•High ESD Immunity of 1-Wire Pin: ±8kV HumanBody Model (HBM), typ

Applications
●Battery Authentication and Charge Cycle Tracking
●Medical Tools/Accessories Authentication andCalibration
●Accessory and Peripheral Secure Authentication




Similar Part No. - DS28E30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E35 MAXIM-DS28E35 Datasheet
1Mb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
Rev 2; 5/13
DS28E35 MAXIM-DS28E35 Datasheet
347Kb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
219-0028; Rev 4; 4/14
DS28E35P+ MAXIM-DS28E35P+ Datasheet
347Kb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
219-0028; Rev 4; 4/14
DS28E35P+T MAXIM-DS28E35P+T Datasheet
347Kb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
219-0028; Rev 4; 4/14
DS28E35Q+T** MAXIM-DS28E35Q+T** Datasheet
347Kb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
219-0028; Rev 4; 4/14
More results


Similar Description - DS28E30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E35 MAXIM-DS28E35 Datasheet
1Mb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
Rev 2; 5/13
DS28E16 MAXIM-DS28E16 Datasheet
407Kb / 15P
1-Wire Secure SHA-3 Authenticator
Rev 1; 3/19
DS28E39 MAXIM-DS28E39 Datasheet
402Kb / 16P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 12/18
logo
NXP Semiconductors
A1006 NXP-A1006 Datasheet
555Kb / 18P
Secure Authenticator IC
Rev. 1-25 July 2018
logo
Maxim Integrated Produc...
DS28E38 MAXIM-DS28E38 Datasheet
462Kb / 16P
DeepCover® Secure ECDSA Authenticator with ChipDNA PUF Protection
Rev 2; 5/20
DS28C39 MAXIM-DS28C39 Datasheet
331Kb / 11P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 11/19
DS28C36 MAXIM-DS28C36_V01 Datasheet
313Kb / 7P
DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28E16 MAXIM-DS28E16_V01 Datasheet
413Kb / 15P
1-Wire Secure SHA-3 Authenticator
19-100438; Rev 2; 1/20
DS28E35 MAXIM-DS28E35_V01 Datasheet
347Kb / 5P
DeepCover Secure Authenticator with 1-Wire ECDSA and 1Kb User EEPROM
219-0028; Rev 4; 4/14
DS28E36 MAXIM-DS28E36_V01 Datasheet
447Kb / 17P
DeepCover Secure Authenticator
19-100170; Rev 3; 3/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com