Electronic Components Datasheet Search
  English  ▼

X  

3SK22 Datasheet (PDF) - Toshiba Semiconductor

3SK22 Datasheet PDF - Toshiba Semiconductor
Part # 3SK22
Download  3SK22 Download
File Size   58.93 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON N CHANNEL JUNCTION TYPE

3SK22 Datasheet (PDF)

Go To PDF Page Download Datasheet
3SK22 Datasheet PDF - Toshiba Semiconductor

Part # 3SK22
Download  3SK22 Click to download

File Size   58.93 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON N CHANNEL JUNCTION TYPE

3SK22 Datasheet (HTML) - Toshiba Semiconductor


3SK22 Product details

FM TUNER APPLICATIONS.
VHF BAND AMPLIFIER APPLICATIONS.
FEATURES
• High Power Gain : Gps=20dB (Typ. ) (f=100MHz)
• Low Noise Figure : NF=2dB (Typ. ) (f=100MHz)
• High Forward Transfer Admittance
: |y fs | = 7ms (Typ.) (f=lkHz)
• High Input Impedance
: Riss = 12kfi (Typ.) (f=100MHz)
• Low Reverse Transfer Capacitance
: Crss=0 - 6P F (Max.)




Similar Part No. - 3SK22

ManufacturerPart #DatasheetDescription
logo
NEC
3SK222 NEC-3SK222 Datasheet
58Kb / 6P
RF AMPLIFIER FOR FM TUNER AND VHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
logo
Renesas Technology Corp
3SK222 RENESAS-3SK222 Datasheet
271Kb / 8P
MOS FIELD EFFECT TRANSISTOR
1989
logo
NEC
3SK223 NEC-3SK223 Datasheet
57Kb / 6P
RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
logo
Renesas Technology Corp
3SK223 RENESAS-3SK223 Datasheet
208Kb / 9P
MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
3SK224 NEC-3SK224 Datasheet
53Kb / 6P
RF AMPLIFIER FOR UHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
More results


Similar Description - 3SK22

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK710 TOSHIBA-2SK710 Datasheet
188Kb / 3P
SILICON N CHANNEL JUNCTION TYPE
2SK3376MFV TOSHIBA-2SK3376MFV Datasheet
152Kb / 6P
Silicon N Channel Junction Type For ECM
2SK3376TK TOSHIBA-2SK3376TK Datasheet
153Kb / 7P
Silicon N Channel Junction Type For ECM
2SK3376TV TOSHIBA-2SK3376TV Datasheet
151Kb / 6P
Silicon N Channel Junction Type For ECM
2SK3582TV TOSHIBA-2SK3582TV Datasheet
141Kb / 5P
Silicon N Channel Junction Type For ECM
2SK3857TK TOSHIBA-2SK3857TK Datasheet
129Kb / 5P
Silicon N Channel Junction Type For ECM
2SK3857TV TOSHIBA-2SK3857TV Datasheet
148Kb / 5P
Silicon N Channel Junction Type For ECM
2SK4059TK TOSHIBA-2SK4059TK Datasheet
147Kb / 5P
Silicon N Channel Junction Type For ECM
2SK4059TV TOSHIBA-2SK4059TV Datasheet
147Kb / 5P
Silicon N Channel Junction Type For ECM
logo
New Jersey Semi-Conduct...
2N4416 NJSEMI-2N4416 Datasheet
232Kb / 2P
SILICON N-CHANNEL JUNCTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com