Electronic Components Datasheet Search
  English  ▼

X  

SD11810 Datasheet (PDF) - Solitron Devices Inc.

SD11810 Datasheet PDF - Solitron Devices Inc.
Part # SD11810
Download  SD11810 Download
File Size   103.58 Kbytes
Page   2 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description 650V Silicon Carbide Schottky

SD11810 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD11810 Datasheet PDF - Solitron Devices Inc.

Part # SD11810
Download  SD11810 Click to download

File Size   103.58 Kbytes
Page   2 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description 650V Silicon Carbide Schottky

SD11810 Datasheet (HTML) - Solitron Devices Inc.


SD11810 Product details

S
KEY FEATURES
NO REVERSE RECOVERY / NO FORWARD RECOVERY
NEAR ZERO SWITCH LOSS
SWITCHING BEHAVIOR INDEPENDENT OF TEMPERATURE
200°C OPERATING TEMPERATURE
ISOLATED CASE
HERMETIC PACKAGE
TX, TXV AND SPACE LEVEL SCREENING AVAILABLE

BENEFITS
PARALLEL DEVICES WITHOUT THERMAL RUNAWAY
HIGHER EFFECIENCY
SMALLER HEAT SINK
IDEAL FOR EXTREME ENVIRONMENT APPLICATIONS

APPLICATIONS
AEROSPACE
HIGH EFFICIENCY CONVERTERS & MOTOR DRIVES
POWER SUPPLIES




Similar Part No. - SD11810

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SD11812 SOLITRON-SD11812 Datasheet
238Kb / 2P
1200V Silicon Carbide Dual Schottky Doubler
More results


Similar Description - SD11810

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SDD50065SHD SOLITRON-SDD50065SHD Datasheet
171Kb / 3P
Dual 650V Silicon Carbide Schottky Diode - 1
logo
Shenzhen Meipusen Semic...
MS2H20065V1 MAPLESMI-MS2H20065V1 Datasheet
242Kb / 4P
650V Silicon Carbide Diode
MSB10065V1 MAPLESMI-MSB10065V1 Datasheet
281Kb / 4P
650V Silicon Carbide Diode
MSD06065V1 MAPLESMI-MSD06065V1 Datasheet
196Kb / 3P
650V Silicon Carbide Diode
MSF10065V1 MAPLESMI-MSF10065V1 Datasheet
374Kb / 5P
650V Silicon Carbide Diode
MSP06065V1 MAPLESMI-MSP06065V1 Datasheet
218Kb / 5P
650V Silicon Carbide Diode
MSP08065G1 MAPLESMI-MSP08065G1 Datasheet
271Kb / 3P
650V Silicon Carbide Diode
MSP08065V1 MAPLESMI-MSP08065V1 Datasheet
268Kb / 5P
650V Silicon Carbide Diode
logo
Rectron Semiconductor
SC3S06540B RECTRON-SC3S06540B Datasheet
255Kb / 5P
650V/40A Silicon Carbide Schottky Diode
SC3S06506F RECTRON-SC3S06506F Datasheet
1Mb / 5P
650V/6A Silicon Carbide Schottky Diode
2021 -04 /110 REV:O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com