Electronic Components Datasheet Search
  English  ▼

X  

SD11806 Datasheet (PDF) - Solitron Devices Inc.

SD11806 Datasheet PDF - Solitron Devices Inc.
Part # SD11806
Download  SD11806 Download
File Size   1254.34 Kbytes
Page   3 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description Dual 1200V Silicon Carbide Schottky

SD11806 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD11806 Datasheet PDF - Solitron Devices Inc.

Part # SD11806
Download  SD11806 Click to download

File Size   1254.34 Kbytes
Page   3 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description Dual 1200V Silicon Carbide Schottky

SD11806 Datasheet (HTML) - Solitron Devices Inc.


SD11806 Product details

KEY FEATURES
VRRM 1200V
I F @ 125°C 20A/40A
ISOLATED BACKSIDE
ZERO REVERSE RECOVERY
TO-258 HERMETIC PACKAGE
MIL-PRF-19500 SCREENING AVAILABLE

BENEFITS
COMPACT, LIGHTWEIGHT DESIGN
INCREASED POWER DENSITY

APPLICATIONS
AEROSPACE
HIGH EFFICIENCY CONVERTERS & MOTOR DRIVES
POWER SUPPLIES




Similar Part No. - SD11806

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SD11800 SOLITRON-SD11800 Datasheet
111Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SD11801 SOLITRON-SD11801 Datasheet
110Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SD11803 SOLITRON-SD11803 Datasheet
123Kb / 3P
1200V 10A Silicon Carbide Schottky
SD11807 SOLITRON-SD11807 Datasheet
1Mb / 3P
650V Silicon Carbide Schottky
SD11808 SOLITRON-SD11808 Datasheet
137Kb / 2P
1700V 10A Silicon Carbide Schottky
More results


Similar Description - SD11806

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SD11800 SOLITRON-SD11800 Datasheet
111Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SD11801 SOLITRON-SD11801 Datasheet
110Kb / 3P
1200V Silicon Carbide Schottky Diode - 1
SDD10120AD SOLITRON-SDD10120AD Datasheet
128Kb / 3P
Dual 1200V Silicon Carbide Schottky Diode - 1
logo
Shenzhen Meipusen Semic...
MS2H40120V1 MAPLESMI-MS2H40120V1 Datasheet
245Kb / 4P
1200V Silicon Carbide Diode
MSD02120V1 MAPLESMI-MSD02120V1 Datasheet
396Kb / 4P
1200V Silicon Carbide Diode
MSF10120V1 MAPLESMI-MSF10120V1 Datasheet
265Kb / 4P
1200V Silicon Carbide Diode
MSP05120V1 MAPLESMI-MSP05120V1 Datasheet
336Kb / 4P
1200V Silicon Carbide Diode
MSP10120V1 MAPLESMI-MSP10120V1 Datasheet
302Kb / 4P
1200V Silicon Carbide Diode
logo
First Silicon Co., Ltd
F2CD40120B FS-F2CD40120B Datasheet
431Kb / 5P
1200V Silicon Carbide
2022.05.25 Revision No : 0
logo
General Electric Compan...
GE12047BCA3 GEC-GE12047BCA3 Datasheet
495Kb / 9P
1200V Dual Silicon Carbide Power module
Rev. : 1, Public Release 11 June 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com