Electronic Components Datasheet Search
  English  ▼

X  

5560C Datasheet (PDF) - Alpha Wire

5560C Datasheet PDF - Alpha Wire
Part # 5560C
Download  5560C Download
File Size   411.29 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 20 (7/28) AWG Tinned Copper

5560C Datasheet (PDF)

Go To PDF Page Download Datasheet
5560C Datasheet PDF - Alpha Wire

Part # 5560C
Download  5560C Click to download

File Size   411.29 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 20 (7/28) AWG Tinned Copper

5560C Datasheet (HTML) - Alpha Wire




Similar Part No. - 5560C

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
5560 AMP-5560 Datasheet
73Kb / 4P
Si-100 Motor Control
logo
Alpha Wire
5560-2C ALPHAWIRE-5560-2C Datasheet
411Kb / 4P
20 (7/28) AWG Tinned Copper
5560/2C ALPHAWIRE-5560/2C Datasheet
411Kb / 4P
20 (7/28) AWG Tinned Copper
logo
Littelfuse
5560000000 LITTELFUSE-5560000000 Datasheet
41Kb / 1P
Vertical PC Mount, TR3 Fuses
55600000001 LITTELFUSE-55600000001 Datasheet
450Kb / 1P
281/556/557 Series Thru-Hole Circuit Board Mount Blocks for MicroTM/TR-3 Fuses
Revised: 12/09/19
More results


Similar Description - 5560C

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
1348422 ETC2-1348422 Datasheet
98Kb / 3P
Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
logo
Alpha Wire
9853C ALPHAWIRE-9853C Datasheet
35Kb / 3P
Transceiver drop cable, consisting of 3 pairs 20 AWG (7/28) tinned copper conductors,
logo
List of Unclassifed Man...
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com