Electronic Components Datasheet Search
  English  ▼

X  

TPS628438DRLR Datasheet (PDF) - Texas Instruments

TPS628438DRLR Datasheet PDF - Texas Instruments
Part # TPS628438DRLR
Download  TPS628438DRLR Download
File Size   1865.39 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS62843 1.8V to 5.5V, 600mA, 275nA IQ, Small-Size Step-Down Converters

TPS628438DRLR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS628438DRLR Datasheet PDF - Texas Instruments

Part # TPS628438DRLR
Download  TPS628438DRLR Click to download

File Size   1865.39 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS62843 1.8V to 5.5V, 600mA, 275nA IQ, Small-Size Step-Down Converters

TPS628438DRLR Datasheet (HTML) - Texas Instruments


TPS628438DRLR Product details

1 Features
• 1.8V to 5.5V input voltage range
• 0.4V to 3.6V output voltage range
• 275nA typical quiescent current
• 600mA output current
• 1% output voltage accuracy
• 4nA typical shutdown current
• Output discharge
• VSET pin-selectable output voltage through a
single resistor
– TPS628436: 0.4V to 0.8V
– TPS628437: 0.8V to 1.8V
– TPS628438: 1.8V to 3.6V
• Designed for small passive components
– 1μH inductor
– Down to effective capacitance of 4μF COUT
• High PSRR (up to 83dB)
• Low output voltage ripple in power save mode
• RF-friendly and fast transient DCS-Control
• Automatic transition to no ripple 100% mode
• 0603-inductor and 0402-capacitor size supported
• Tiny 6-pin, 0.35mm pitch WCSP package with
0.84mm² size
• Pin-to-pin compatible to the TPS6280x family (1A)
in WCSP package
• Available in a 1.60mm × 1.60mm SOT563
package

2 Applications
• Wearable electronics
• Headsets, headphones, and earbuds
• Mobile phones
• Medical sensor patches
• Hearing aid

3 Description
The TPS62843 is a high-efficiency, step-down
converter family with ultra-low operating quiescent
current of typically 275nA. The device features a 4nA
shutdown (typical) current when disabled.
The device uses DCS-Control with a low and RFfriendly
output voltage ripple to power radios.
The device operates with a typical switching
frequency of 1.5MHz and extends a high efficiency at
light-load down to 100μA load current and below.
3 × 18 pre-defined output voltages can be selected
by connecting a resistor to the VSET pin, making
the family usable across various applications with a
minimum set of passive components.




Similar Part No. - TPS628438DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS628438 TI-TPS628438 Datasheet
914Kb / 21P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small Size Step-Down Converters
JANUARY 2022
TPS628438 TI-TPS628438 Datasheet
1Mb / 28P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters
REVISED MAY 2023
TPS628438 TI1-TPS628438 Datasheet
2Mb / 35P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters
SEPTEMBER 2023
TPS628438YKAR TI-TPS628438YKAR Datasheet
1Mb / 28P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters
REVISED MAY 2023
TPS628438YKAR TI1-TPS628438YKAR Datasheet
2Mb / 35P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters
SEPTEMBER 2023
More results


Similar Description - TPS628438DRLR

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
600mA Step-Down Converter
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
600mA Step-Down Converter
logo
Monolithic Power System...
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
logo
Torex Semiconductor
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAXM17625 MAXIM-MAXM17625 Datasheet
2Mb / 19P
2.7V to 5.5V, 600mA Himalaya uSLIC Step-Down Power Modules
Rev 0; 1/21
logo
Texas Instruments
TPS62843 TI-TPS62843 Datasheet
914Kb / 21P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small Size Step-Down Converters
JANUARY 2022
logo
Maxim Integrated Produc...
MAXM38643 MAXIM-MAXM38643 Datasheet
788Kb / 12P
Tiny, 1.8V to 5.5V Input, 330nA IQ, 600mA nanoPower Buck Module
2021
logo
Texas Instruments
TPS62843 TI-TPS62843_V01 Datasheet
1Mb / 28P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com