Electronic Components Datasheet Search
  English  ▼

X  

MD2505 Datasheet (PDF) - Won-Top Electronics

MD2505 Datasheet PDF - Won-Top Electronics
Part # MD2505
Download  MD2505 Download
File Size   30.16 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A MOTOROLA TYPE PRESS-FIT DIODE

MD2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
MD2505 Datasheet PDF - Won-Top Electronics

Part # MD2505
Download  MD2505 Click to download

File Size   30.16 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A MOTOROLA TYPE PRESS-FIT DIODE

MD2505 Datasheet (HTML) - Won-Top Electronics


MD2505 Product details

Features
● Diffused Junction
● Low Leakage
● Low Cost
● High Surge Current Capability
● Typical IR less than 5.0µA




Similar Part No. - MD2505

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MD2505 WTE-MD2505 Datasheet
32Kb / 2P
25A MOTOROLA TYPE PRESS-FIT DIODE
MD2505G WTE-MD2505G Datasheet
40Kb / 2P
25A GLASS PASSIVATED MOTOROLA TYPE PRESS-FIT DIODE
October, 2018
More results


Similar Description - MD2505

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MD3500 WTE-MD3500 Datasheet
30Kb / 2P
35A MOTOROLA TYPE PRESS-FIT DIODE
MD5000 WTE-MD5000 Datasheet
30Kb / 2P
50A MOTOROLA TYPE PRESS-FIT DIODE
MD3520 WTE-MD3520 Datasheet
29Kb / 2P
35A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
MD5020 WTE-MD5020 Datasheet
29Kb / 2P
50A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
MD2500 WTE-MD2500_14 Datasheet
32Kb / 2P
25A MOTOROLA TYPE PRESS-FIT DIODE
MD3500 WTE-MD3500_14 Datasheet
32Kb / 2P
35A MOTOROLA TYPE PRESS-FIT DIODE
MD3520 WTE-MD3520_14 Datasheet
32Kb / 2P
35A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
MD5000 WTE-MD5000_14 Datasheet
32Kb / 2P
50A MOTOROLA TYPE PRESS-FIT DIODE
MD5020 WTE-MD5020_14 Datasheet
32Kb / 2P
50A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
MD7000 WTE-MD7000 Datasheet
32Kb / 2P
70A MOTOROLA TYPE PRESS-FIT DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com