Electronic Components Datasheet Search
  English  ▼

X  

1946998 Datasheet (PDF) - PHOENIX CONTACT

1946998 Datasheet PDF - PHOENIX CONTACT
Part # 1946998
Download  1946998 Download
File Size   228.56 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKIC 2,5/11-ST-RN - PCB connector

1946998 Datasheet (PDF)

Go To PDF Page Download Datasheet
1946998 Datasheet PDF - PHOENIX CONTACT

Part # 1946998
Download  1946998 Click to download

File Size   228.56 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKIC 2,5/11-ST-RN - PCB connector

1946998 Datasheet (HTML) - PHOENIX CONTACT


1946998 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 11,
number of rows: 1, number of positions: 11, number of connections: 11, product range: FKIC
2,5/..-ST-RN, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON MSTB
2,5, locking: Snap-in locking, mounting: Engagement nose, type of packaging: packed in
cardboard, Article with engagement nose

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Intuitive locking mechanism prevents accidental disconnection
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1946998

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
194690 FESTO-194690 Datasheet
77Kb / 1P
Precision pressure regulator
3/23/22
logo
PHOENIX CONTACT
1946901 PHOENIX-1946901 Datasheet
230Kb / 10P
FKIC 2,5/ 2-ST-RN - PCB connector
logo
Festo Corporation.
194691 FESTO-194691 Datasheet
77Kb / 1P
Precision pressure regulator
3/23/22
logo
Weidmuller
1946910000 WEIDMULLER-1946910000 Datasheet
581Kb / 7P
BLZP 5.08HC/10/225BR SN OR BX
logo
PHOENIX CONTACT
1946914 PHOENIX-1946914 Datasheet
62Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 3-ST-RN
More results


Similar Description - 1946998

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1910762 PHOENIX-1910762 Datasheet
94Kb / 5P
Printed-circuit board connector - FKIC 2,5/11-ST
1946914 PHOENIX-1946914 Datasheet
62Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 3-ST-RN
1925906 PHOENIX-1925906 Datasheet
134Kb / 9P
Printed-circuit board connector - FKIC 2,5/ 6-ST-5,08-RN
09/12/2020
1925883 PHOENIX-1925883 Datasheet
440Kb / 13P
PCB connector - FKIC 2,5/ 4-ST-5,08-RN
1925964 PHOENIX-1925964 Datasheet
440Kb / 13P
PCB connector - FKIC 2,5/12-ST-5,08-RN
1925993 PHOENIX-1925993 Datasheet
434Kb / 13P
FKIC 2,5/15-ST-5,08-RN - PCB connector
1925980 PHOENIX-1925980 Datasheet
435Kb / 13P
FKIC 2,5/14-ST-5,08-RN - PCB connector
1925896 PHOENIX-1925896 Datasheet
437Kb / 13P
FKIC 2,5/ 5-ST-5,08-RN - PCB connector
1910791 PHOENIX-1910791 Datasheet
549Kb / 13P
FKIC 2,5/14-ST - PCB connector
1910720 PHOENIX-1910720 Datasheet
552Kb / 13P
FKIC 2,5/ 7-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com