Electronic Components Datasheet Search
  English  ▼

X  

1818575 Datasheet (PDF) - PHOENIX CONTACT

1818575 Datasheet PDF - PHOENIX CONTACT
Part # 1818575
Download  1818575 Download
File Size   532.76 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCV 1,5/ 2-G1-3,5 P20THR R24 - PCB header

1818575 Datasheet (PDF)

Go To PDF Page Download Datasheet
1818575 Datasheet PDF - PHOENIX CONTACT

Part # 1818575
Download  1818575 Click to download

File Size   532.76 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCV 1,5/ 2-G1-3,5 P20THR R24 - PCB header

1818575 Datasheet (HTML) - PHOENIX CONTACT


1818575 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 4, number
of rows: 2, number of positions: 2, number of connections: 4, product range: DMCV 1,5/..-G1-
THR, pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder
pin [P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON DFMC 1,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging: 24
mm wide tape

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Small component size for applications where space is at a premium




Similar Part No. - 1818575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1818504 PHOENIX-1818504 Datasheet
138Kb / 5P
Printed-circuit board connector - DMC 1,5/ 2-G1F-3,5-LRP20THRR44
1818517 PHOENIX-1818517 Datasheet
138Kb / 5P
Printed-circuit board connector - DMC 1,5/ 3-G1F-3,5-LRP20THRR44
1818520 PHOENIX-1818520 Datasheet
138Kb / 5P
Printed-circuit board connector - DMC 1,5/ 4-G1F-3,5-LRP20THRR44
1818533 PHOENIX-1818533 Datasheet
138Kb / 5P
Printed-circuit board connector - DMC 1,5/ 5-G1F-3,5-LRP20THRR56
1818546 PHOENIX-1818546 Datasheet
138Kb / 5P
Printed-circuit board connector - DMC 1,5/ 6-G1F-3,5-LRP20THRR56
More results


Similar Description - 1818575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1787205 PHOENIX-1787205 Datasheet
101Kb / 4P
DMCV 1,5/ 2-G1-3,5 P20THR
1787218 PHOENIX-1787218 Datasheet
101Kb / 4P
DMCV 1,5/ 3-G1-3,5 P20THR
1787221 PHOENIX-1787221 Datasheet
101Kb / 4P
DMCV 1,5/ 4-G1-3,5 P20THR
1787276 PHOENIX-1787276 Datasheet
101Kb / 4P
DMCV 1,5/ 9-G1-3,5 P20THR
1787315 PHOENIX-1787315 Datasheet
101Kb / 4P
DMCV 1,5/13-G1-3,5 P20THR
1787331 PHOENIX-1787331 Datasheet
101Kb / 4P
DMCV 1,5/15-G1-3,5 P20THR
1786837 PHOENIX-1786837 Datasheet
552Kb / 11P
PCB header - DMC 1,5/ 2-G1-3,5 P20THR
1053841 PHOENIX-1053841 Datasheet
357Kb / 10P
DMCV 1,5/ 5-G1-3,5 P35 - PCB header
1053862 PHOENIX-1053862 Datasheet
348Kb / 10P
DMCV 1,5/20-G1-3,5 P35 - PCB header
1535182 PHOENIX-1535182 Datasheet
324Kb / 9P
DMC 1,5/ 2-G1-3,5-LR P20THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com