Electronic Components Datasheet Search
  English  ▼

X  

1778010 Datasheet (PDF) - PHOENIX CONTACT

1778010 Datasheet PDF - PHOENIX CONTACT
Part # 1778010
Download  1778010 Download
File Size   528.46 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 5/ 9-ST2-7,62 - PCB connector

1778010 Datasheet (PDF)

Go To PDF Page Download Datasheet
1778010 Datasheet PDF - PHOENIX CONTACT

Part # 1778010
Download  1778010 Click to download

File Size   528.46 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 5/ 9-ST2-7,62 - PCB connector

1778010 Datasheet (HTML) - PHOENIX CONTACT


1778010 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Tin, contact connection type: Socket, number of potentials: 9,
number of rows: 1, number of positions: 9, number of connections: 9, product range: PC 5/..-
ST2, pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw head
form: H1L Slotted Phillips recess, conductor/PCB connection direction: 0 °, locking clip: - Locking
clip, plug-in system: COMBICON PC 5, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• 600 V UL approval in the smallest of dimensions




Similar Part No. - 1778010

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1778014 PHOENIX-1778014 Datasheet
162Kb / 6P
MSTBV 2,5/ 5-GF-5,08
1778014 PHOENIX-1778014 Datasheet
147Kb / 6P
IC 2,5/ 5-STGF-5,08
More results


Similar Description - 1778010

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1720534 PHOENIX-1720534 Datasheet
73Kb / 4P
Electronic housing - PC 5/ 9-G-7,62
1720754 PHOENIX-1720754 Datasheet
87Kb / 4P
Header - PC 5/ 9-GU-7,62
1720864 PHOENIX-1720864 Datasheet
72Kb / 4P
Electronic housing - PC 5/ 9-GF-7,62
1718449 PHOENIX-1718449 Datasheet
76Kb / 5P
Printed-circuit board connector - PC 5/ 9-STCL-7,62
1778133 PHOENIX-1778133 Datasheet
145Kb / 5P
PC 5/ 9-STCL1-7,62
1777794 PHOENIX-1777794 Datasheet
225Kb / 6P
PC 5/ 9-ST1-7,62
1777846 PHOENIX-1777846 Datasheet
911Kb / 17P
PCB connector - PC 5/ 3-STF1-7,62
Jul 21, 2022
1777859 PHOENIX-1777859 Datasheet
911Kb / 17P
PCB connector - PC 5/ 4-STF1-7,62
Jul 21, 2022
1149086 PHOENIX-1149086 Datasheet
458Kb / 14P
PC 6/ 5-ST-7,62 - PCB connector
1149133 PHOENIX-1149133 Datasheet
453Kb / 14P
PC 6/ 5-STL3-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com