Electronic Components Datasheet Search
  English  ▼

X  

DRV8410 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DRV8410 Datasheet PDF - Texas Instruments
Part # DRV8410
Download  DRV8410 Download
File Size   869.4 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8421 18V 2A Dual H-Bridge Stepper Driver

DRV8410 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8410 Datasheet PDF - Texas Instruments

Part # DRV8410
Download  DRV8410 Click to download

File Size   869.4 Kbytes
Page   25 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8421 18V 2A Dual H-Bridge Stepper Driver

DRV8410 Datasheet (HTML) - Texas Instruments


DRV8410 Product details

1 Features
• Dual H-Bridge Motor Driver
– Single/Dual Brushed DC
– Stepper
– Solenoids
• 4 to 18V Operating Supply Voltage Range
• Low ON-resistance: HS + LS = 900mΩ (Typical,
25°C)
• High Output Current per H-Bridge
– 2A Maximum Driver Current at 12V and TA =
25°C
– Parallel Mode Available Capable of 4A
Maximum Driver Current at 12V and TA = 25°C
• Device versions:
– DRV8421A (4-wire input): Independent Half
Bridge Control
– DRV8421B (2-wire input): Sleep Mode, Fault
detect
• Similar LV Stepper Drivers:
– DRV8410: 1.65 to 11V (800mΩ RDS(ON))
– DRV8411: 1.65 to 11V (400mΩ RDS(ON))
– DRV8411A: 1.65 to 11V (400mΩ RDS(ON))
• PWM Control Interface
• Low-Current 3μA Sleep Mode (2-wire input version
only)
• Thermally-Enhanced Surface Mount Package
• Protection Features
– VM Undervoltage Lockout (UVLO)
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– Fault Condition Indication Pin (nFAULT) (2-wire
input version only)

2 Applications
• Household Appliances
– Printers/Scanners
– Refrigerators
– Vacuum Cleaners
– Clothes Dryer
• General Brushed and Stepper Motors

3 Description
The DRV8421 provides a dual H-bridge motor
driver for home appliances and other mechatronic
applications. The device can be used to drive one
or two DC motors, a bipolar stepper motor, or other
loads. A simple PWM interface allows easy interfacing
to controller circuits.
The output block of each H-bridge driver consists
of N-channel power MOSFETs configured as full Hbridges
to drive the motor windings. The DRV8421
is capable of driving a maximum current of 2A from
each output or 4A in parallel mode (with proper heat
sinking, at 12V and TA = 25°C).
The device contains two versions having a 4-wire
input (DRV8421A) or a 2-wire input (DRV8421B). The
2-wire input version (DRV8421B) contains features
like enable and fault detection, while the 4-wire input
version (DRV8421A) can drive four half bridges based
on signals to four input terminals. A low-power sleep
mode is also provided for the 2-wire input version.
It shuts down internal circuitry to achieve very-low
quiescent current draw. This sleep mode can be set
by pulling the enable pin low.
Internal protection functions are provided for UVLO,
OCP, short-circuit protection, and overtemperature.
Fault conditions are indicated by a nFAULT pin in the
DRV8421B, the 2-wire input device.




Similar Part No. - DRV8410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8410 TI-DRV8410 Datasheet
1Mb / 45P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8410 TI-DRV8410 Datasheet
1Mb / 45P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8410 TI-DRV8410 Datasheet
2Mb / 54P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8410 TI-DRV8410 Datasheet
2Mb / 54P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
DRV8410 TI-DRV8410 Datasheet
2Mb / 61P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
REVISED DECEMBER 2022
More results


Similar Description - DRV8410

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3717A CHERRY-CS3717A Datasheet
168Kb / 8P
1A H-Bridge Stepper Motor Driver
Rev. 4/29/99
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
2A H-Bridge Driver
Rev. 5/4/99
logo
Asahi Kasei Microsystem...
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
18V Dual H-Bridge Motor Driver IC
AP1013CEN AKM-AP1013CEN Datasheet
539Kb / 15P
18V 1ch H-Bridge Motor Driver IC
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
18V 1ch H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8846 TI-DRV8846_15 Datasheet
1Mb / 35P
DRV8846 Dual H-Bridge Stepper Motor Driver
logo
ON Semiconductor
CS3717A ONSEMI-CS3717A Datasheet
75Kb / 8P
1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Asahi Kasei Microsystem...
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
18V 2ch H-Bridge Motor Driver IC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
18V Dual H-Bridge Motor Driver IC
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com