Electronic Components Datasheet Search
  English  ▼

X  

SAA7183 Datasheet (PDF) - NXP Semiconductors

SAA7183 Datasheet PDF - NXP Semiconductors
Part # SAA7183
Download  SAA7183 Download
File Size   268.11 Kbytes
Page   40 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital Video Encoder EURO-DENC

SAA7183 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7183 Datasheet PDF - NXP Semiconductors

Part # SAA7183
Download  SAA7183 Click to download

File Size   268.11 Kbytes
Page   40 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital Video Encoder EURO-DENC

SAA7183 Datasheet (HTML) - NXP Semiconductors


SAA7183 Product details

GENERAL DESCRIPTION
The SAA7182; SAA7183 encodes digital YUV video data to an NTSC, PAL, SECAM CVBS or S-Video signal and also RGB.
The circuit accepts CCIR compatible YUV data with 720 active pixels per line in 4 : 2 : 2 multiplexed formats, for example MPEG decoded data. It includes a sync/clock generator and on-chip Digital-to-Analog Converters (DACs).
The circuit is compatible to the DIG-TV2 chip family.

FEATURES
• CMOS 5 V device
• Digital PAL/NTSC/SECAM encoder
• System pixel frequency 13.5 MHz
• Accepts MPEG decoded data on 8-bit wide input port. Input data format Cb, Y, Cr etc. or Y and Cb, Cr on 16 lines (“CCIR 656”)
• Three DACs for CVBS, Y and C operating at 27 MHz with 10-bit resolution
• Three DACs for RGB operating at 27 MHz with 9-bit resolution, RGB sync on CVBS and Y
• CVBS, Y, C and RGB output simultaneously
• Closed captioning and teletext encoding including sequencer and filter
• On-chip YUV to RGB matrix
• Fast I2C-bus control port (400 kHz)
• Encoder can be master or slave
• Programmable horizontal and vertical input synchronization phase
• Programmable horizontal sync output phase
• Internal Colour Bar Generator (CBG)
• Overlay with Look-Up Tables (LUTs) 8 × 3 bytes
• Macrovision Pay-per-View protection system as option, also used for RGB output




Similar Part No. - SAA7183

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7183A PHILIPS-SAA7183A Datasheet
203Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7183A PHILIPS-SAA7183A Datasheet
315Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7183AWP PHILIPS-SAA7183AWP Datasheet
203Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7183AWP PHILIPS-SAA7183AWP Datasheet
315Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
More results


Similar Description - SAA7183

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7124 PHILIPS-SAA7124 Datasheet
344Kb / 44P
Digital Video Encoder ECO-DENC
1996 Nov 07
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
Digital video encoder
2000 Mar 08
SAA7165 PHILIPS-SAA7165 Datasheet
203Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7182A PHILIPS-SAA7182A Datasheet
315Kb / 45P
Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
Digital Video Encoder
logo
STMicroelectronics
STW8009 STMICROELECTRONICS-STW8009 Datasheet
569Kb / 55P
Mobile Video DENC
02-Feb-2006
STW8009 STMICROELECTRONICS-STW8009_07 Datasheet
733Kb / 66P
Mobile video DENC
15-Jun-2007
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
Digital video encoder
2004 Mar 16
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com