Electronic Components Datasheet Search
  English  ▼

X  

1619281 Datasheet (PDF) - PHOENIX CONTACT

1619281 Datasheet PDF - PHOENIX CONTACT
Part # 1619281
Download  1619281 Download
File Size   466.73 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-12 - OE/5,0-E00/M23 FK-N2 - Cable plug in molded plastic

1619281 Datasheet (PDF)

Go To PDF Page Download Datasheet
1619281 Datasheet PDF - PHOENIX CONTACT

Part # 1619281
Download  1619281 Click to download

File Size   466.73 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-12 - OE/5,0-E00/M23 FK-N2 - Cable plug in molded plastic

1619281 Datasheet (HTML) - PHOENIX CONTACT


1619281 Product details

Cable plug in molded plastic, angled, rotatable, -120° left/120° right, number of positions: 12,
type of locking: Screw locking mechanism, cable length: 5 m, shielded: yes, color of outer
sheath: orange RAL 2003

Your advantages
• Our standard: robust halogen-free PUR cable
• Simple and safe: 100% electrically tested and assembled ready for use
• Designs with preassembled cables on one or both sides
• Easy connection: angled design with configurable cable outlet direction
• High flexibility: customer-specific assemblies and cable lengths can be supplied




Similar Part No. - 1619281

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619280 PHOENIX-1619280 Datasheet
466Kb / 13P
K-12 - OE/2,0-E00/M23 FK-N2 - Cable plug in molded plastic
1619282 PHOENIX-1619282 Datasheet
467Kb / 13P
K-12 - OE/010-E00/M23 FK-N2 - Cable plug in molded plastic
1619283 PHOENIX-1619283 Datasheet
464Kb / 12P
K-12 - OE/5,0-E00/M23 FK - Cable plug in molded plastic
1619284 PHOENIX-1619284 Datasheet
464Kb / 12P
K-12 - OE/010-E00/M23 FK - Cable plug in molded plastic
1619285 PHOENIX-1619285 Datasheet
464Kb / 12P
K-12 - OE/2,0-E00/M23 FK - Cable plug in molded plastic
More results


Similar Description - 1619281

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619277 PHOENIX-1619277 Datasheet
148Kb / 7P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M23 F8
09/11/2020
1620426 PHOENIX-1620426 Datasheet
135Kb / 9P
Cable plug in molded plastic - K-7E - OE/010-D03/M23 FK
09/11/2020
1622231 PHOENIX-1622231 Datasheet
193Kb / 11P
Cable plug in molded plastic - K-8E-OE/5,0-H00/M23FK-C5-S
09/11/2020
1624780 PHOENIX-1624780 Datasheet
150Kb / 8P
Cable plug in molded plastic - K-17 - OE/2,0-E01/M17 F8
09/11/2020
1112868 PHOENIX-1112868 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93C/OE
1112873 PHOENIX-1112873 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93B/OE
1113178 PHOENIX-1113178 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93K/OE
1113196 PHOENIX-1113196 Datasheet
185Kb / 5P
Patch cable - NBC-R4ACS/5,0-94F/OE
1113214 PHOENIX-1113214 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACB/5,0-93K/OE
1113209 PHOENIX-1113209 Datasheet
228Kb / 7P
NBC-R4ACS/5,0-94C/OE - Patch cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com