Electronic Components Datasheet Search
  English  ▼

X  

1453290 Datasheet (PDF) - PHOENIX CONTACT

1453290 Datasheet PDF - PHOENIX CONTACT
Part # 1453290
Download  1453290 Download
File Size   527.63 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-2P-MS/3,0-PUR/ZC-1L-S SCO - Sensor/actuator cable

1453290 Datasheet (PDF)

Go To PDF Page Download Datasheet
1453290 Datasheet PDF - PHOENIX CONTACT

Part # 1453290
Download  1453290 Click to download

File Size   527.63 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-2P-MS/3,0-PUR/ZC-1L-S SCO - Sensor/actuator cable

1453290 Datasheet (HTML) - PHOENIX CONTACT


1453290 Product details

Sensor/actuator cable, 2-position, PUR, gray RAL 7001, Plug straight M12 SPEEDCON, coding:
A, with 1 LED, on Valve connector Festo ZC, with 1 LED, Wiring: Protective circuit and holding
current reduction, cable length: 3 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Connecting cable specially for Festo KMYZ9 type valves




Similar Part No. - 1453290

ManufacturerPart #DatasheetDescription
logo
Heyco.
14532 HEYCO-14532 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
PHOENIX CONTACT
1453216 PHOENIX-1453216 Datasheet
118Kb / 8P
Connector hood - SACB-C-H180-8/16-10,0PUR SCO P
1453229 PHOENIX-1453229 Datasheet
90Kb / 9P
Connector hood - SACB-C-H180-8/16 SCO P
1453261 PHOENIX-1453261 Datasheet
527Kb / 16P
SAC-2P-MS/0,3-PUR/ZC-1L-S SCO - Sensor/actuator cable
1453274 PHOENIX-1453274 Datasheet
527Kb / 16P
SAC-2P-MS/0,6-PUR/ZC-1L-S SCO - Sensor/actuator cable
More results


Similar Description - 1453290

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1434918 PHOENIX-1434918 Datasheet
118Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/A-1L-Z SCO
1435069 PHOENIX-1435069 Datasheet
121Kb / 9P
Sensor/Actuator cable - SAC-5P-MS/ 3,0-PUR/AD-2L SCO
1435166 PHOENIX-1435166 Datasheet
116Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/BI-1L-Z SCO
1435218 PHOENIX-1435218 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 3,0-PUR/BI-1L-Z SCO
1435315 PHOENIX-1435315 Datasheet
115Kb / 8P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/B-1L-Z SCO
1435360 PHOENIX-1435360 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 3,0-PUR/B-1L-Z SCO
1435467 PHOENIX-1435467 Datasheet
115Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/C-1L-Z SCO
1435519 PHOENIX-1435519 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 3,0-PUR/C-1L-Z SCO
1435616 PHOENIX-1435616 Datasheet
117Kb / 9P
Sensor/Actuator cable - SAC-3P-MS/ 3,0-PUR/CI-1L-Z SCO
1698220 PHOENIX-1698220 Datasheet
60Kb / 3P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A-1L-S 110V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com