Electronic Components Datasheet Search
  English  ▼

X  

1400 Datasheet (PDF) - Infinite Electronics International, Inc.

1400 Datasheet PDF - Infinite Electronics International, Inc.
Part # 1400
Download  1400 Download
File Size   32.47 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN MALE CRIMP CONNECTOR FOR LMR400

1400 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400 Datasheet PDF - Infinite Electronics International, Inc.

Part # 1400
Download  1400 Click to download

File Size   32.47 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN MALE CRIMP CONNECTOR FOR LMR400

1400 Datasheet (HTML) - Infinite Electronics International, Inc.


1400 Product details

ELECTRICAL:
NOTES:
FREQUENCY RANGE: DC~6 GHz
INSERTION LOSS: .2 dB MAX.
WORKING VOLTAGE: 2700 VRMS MAX.
DIELECTRIC WITHSTANDING VOLTAGE: 4000 VRMS MIN. (AT SEA LEVEL)
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
B
REGULATORY COMPLIANCE:
WITH L-COM SPECIFICATION PKG-00012
RoHS, CE




Similar Part No. - 1400

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1400 CANDD-1400 Datasheet
91Kb / 2P
Bobbin Type Inductors
logo
List of Unclassifed Man...
1400 ETC1-1400 Datasheet
48Kb / 1P
4700
logo
Linear Technology
1400 LINER-1400 Datasheet
2Mb / 20P
Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
logo
Gamewell-FCI by Honeywe...
1400 GAMEWELL-FCI-1400 Datasheet
146Kb / 2P
Ionization detector
logo
Switchcraft, Inc.
1400 SWITCH-1400 Datasheet
48Kb / 1P
LONG FRAME (1/4) TELEPHONE JACK PANELS
More results


Similar Description - 1400

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6256 POMONA-6256 Datasheet
124Kb / 1P
7/16 DIN Adapter 7/16 DIN Male to Type N Male
logo
Pasternack Enterprises,...
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
PE44536 PASTERNACK-PE44536 Datasheet
259Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C195, 0.195 inch
PE44537 PASTERNACK-PE44537 Datasheet
265Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE4571 PASTERNACK-PE4571 Datasheet
261Kb / 3P
7/16 DIN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE3C2003-200CM PASTERNACK-PE3C2003-200CM Datasheet
456Kb / 4P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 200cm
PE91190 PASTERNACK-PE91190 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 Mated
PE91227 PASTERNACK-PE91227 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 UnMated
PE4568 PASTERNACK-PE4568 Datasheet
353Kb / 3P
7/16 DIN Male Connector Crimp/Solder Attachment
PE4571 PASTERNACK-PE4571_16 Datasheet
346Kb / 3P
7/16 DIN Male Connector Crimp/Solder Attachment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com