Electronic Components Datasheet Search
  English  ▼

X  

MAX34461A Datasheet (PDF) - Analog Devices

MAX34461A Datasheet PDF - Analog Devices
Part # MAX34461A
Download  MAX34461A Download
File Size   1798.55 Kbytes
Page   53 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PMBus 16-Channel Voltage Monitor and Sequencer

MAX34461A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX34461A Datasheet PDF - Analog Devices

Part # MAX34461A
Download  MAX34461A Click to download

File Size   1798.55 Kbytes
Page   53 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description PMBus 16-Channel Voltage Monitor and Sequencer

MAX34461A Datasheet (HTML) - Analog Devices


MAX34461A Product details

General Description
The MAX34461A is a system monitor that is capable of
managing up to 16 power supplies. The power-supply
manager monitors the power-supply output voltages and
constantly checks for user-programmable overvoltage
and undervoltage thresholds. If a fault is detected, the
device automatically shuts down the system in an orderly
fashion. The device can sequence the supplies in any
order at both power-up and power-down. With the addition
of external current DACs, the device has the ability to
close-loop margin the power-supply output voltages up or
down to a user-programmable level. The device contains
an internal temperature sensor and can support up to four
external remote temperature sensors. Once configured,
the device can operate autonomously without any host
intervention.

Benefits and Features
● 16 Channels of Power-Supply Management
● On-Board Nonvolatile Black Box Fault Logging and
Default Configuration Setting
● Supports Complex Sequencing Requirements
• Time- and Event-Based Sequencing
• Parallel/Cascaded Device Operation
• Programmable Up and Down Sequencing
● Easy to Program and Monitor
• PMBus-Compatible Command Interface
• Easy-to-Use GUI
● Flexible Measurement and Monitoring Capability
• Reports Peak and Average Levels
• Four Remote Temperature Sensors
• One Internal Temperature Sensor
● Automatic Closed-Loop Margining Improves Accuracy
● Remote Ground Sensing Improves Measurement
Accuracy
● Simplifies System-Level Design
• Up to 16 GPOs
• No External Clocking Minimizes System-Level
Design
• I2C/SMBus-Compatible Serial Bus with Bus
Timeout Function
• Power-Supply Voltage Measurement and
Monitoring
● Fast Minimum/Maximum Threshold Excursion
Detection
● 3.0V to 3.6V Supply Voltage

Applications
● Network Switches/Routers
● Base Stations
● Servers
● Smart Grid Network Systems




Similar Part No. - MAX34461A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34461 MAXIM-MAX34461 Datasheet
2Mb / 23P
Four Power-Supply Channels
Rev 0; 10/12
MAX34461EVKIT MAXIM-MAX34461EVKIT Datasheet
2Mb / 23P
Four Power-Supply Channels
Rev 0; 10/12
More results


Similar Description - MAX34461A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
Super Sequencer??and Monitor
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
Quad Voltage Monitor and Sequencer
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
Quad Voltage Monitor and Sequencer
3/07-Revision 0
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
logo
Analog Devices
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
Super Sequencer and Monitor
REV. D
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
Quad Voltage Monitor and Sequencer
REV. B
logo
Texas Instruments
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
16-Rail Power Supply Sequencer and Monitor
logo
Maxim Integrated Produc...
MAX34462 MAXIM-MAX34462 Datasheet
2Mb / 78P
PMBus 16-Channel Monitor/Sequencer with Differential Inputs and Margining DACs
19-6785; Rev 0; 9/13
MAX34451 MAXIM-MAX34451 Datasheet
2Mb / 76P
PMBus 16-Channel V/I Monitor and 12-Channel Sequencer/Marginer
19-6642; Rev 9; 10/19
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com