Electronic Components Datasheet Search
  English  ▼

X  

1996074 Datasheet (PDF) - PHOENIX CONTACT

1996074 Datasheet PDF - PHOENIX CONTACT
Part # 1996074
Download  1996074 Download
File Size   621.37 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 5/ 8-ST-7,62 - PCB connector

1996074 Datasheet (PDF)

Go To PDF Page Download Datasheet
1996074 Datasheet PDF - PHOENIX CONTACT

Part # 1996074
Download  1996074 Click to download

File Size   621.37 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 5/ 8-ST-7,62 - PCB connector

1996074 Datasheet (HTML) - PHOENIX CONTACT


1996074 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Tin, contact connection type: Socket, number of potentials: 8,
number of rows: 1, number of positions: 8, number of connections: 8, product range: SPC 5/..-
ST, pitch: 7.62 mm, connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON PC 5, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Optimized for tight installation situations: operation and conductor connection from one direction
• 600 V UL approval in the smallest of dimensions




Similar Part No. - 1996074

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1996016 PHOENIX-1996016 Datasheet
646Kb / 18P
PCB connector - SPC 5/ 2-ST-7,62
1996029 PHOENIX-1996029 Datasheet
651Kb / 18P
PCB connector - SPC 5/ 3-ST-7,62
1996032 PHOENIX-1996032 Datasheet
652Kb / 18P
PCB connector - SPC 5/ 4-ST-7,62
1996045 PHOENIX-1996045 Datasheet
84Kb / 5P
Printed-circuit board connector - SPC 5/ 5-ST-7,62
1996058 PHOENIX-1996058 Datasheet
84Kb / 5P
Printed-circuit board connector - SPC 5/ 6-ST-7,62
More results


Similar Description - 1996074

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1718546 PHOENIX-1718546 Datasheet
138Kb / 4P
SPC 5/ 8-STCL-7,62
1996113 PHOENIX-1996113 Datasheet
84Kb / 5P
Printed-circuit board connector - SPC 5/12-ST-7,62
1996100 PHOENIX-1996100 Datasheet
84Kb / 5P
Printed-circuit board connector - SPC 5/11-ST-7,62
1996045 PHOENIX-1996045 Datasheet
84Kb / 5P
Printed-circuit board connector - SPC 5/ 5-ST-7,62
1996016 PHOENIX-1996016 Datasheet
646Kb / 18P
PCB connector - SPC 5/ 2-ST-7,62
1996029 PHOENIX-1996029 Datasheet
651Kb / 18P
PCB connector - SPC 5/ 3-ST-7,62
1996032 PHOENIX-1996032 Datasheet
652Kb / 18P
PCB connector - SPC 5/ 4-ST-7,62
1996184 PHOENIX-1996184 Datasheet
552Kb / 17P
PCB connector - SPC 5/ 8-STF-7,62
1996223 PHOENIX-1996223 Datasheet
549Kb / 17P
PCB connector - SPC 5/12-STF-7,62
1996155 PHOENIX-1996155 Datasheet
555Kb / 17P
SPC 5/ 5-STF-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com