Electronic Components Datasheet Search
  English  ▼

X  

NCE6602N Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE6602N Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE6602N
Download  NCE6602N Download
File Size   440.26 Kbytes
Page   11 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N and P-Channel Enhancement Mode Power MOSFET

NCE6602N Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE6602N Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE6602N
Download  NCE6602N Click to download

File Size   440.26 Kbytes
Page   11 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N and P-Channel Enhancement Mode Power MOSFET

NCE6602N Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE6602N Product details

Description
The NCE6602N uses advanced trench technology to provide
excellent RDS(ON), low gate charge. This device is suitable for
use as a Battery protection or in other Switching application.

General Features
● N-Channel
● VDS = 30V,ID = 3.5A
RDS(ON) <58mΩ @ VGS=10V
RDS(ON) < 95mΩ @ VGS=4.5V
● P-Channel
VDS = -30V,ID = -2.7A
RDS(ON) < 100mΩ @ VGS=-10V
RDS(ON) < 150mΩ @ VGS=-4.5V
● Low On-Resistance
● Low Input Capacitance
● Fast Switching Speed
● Low Input/Output Leakage




Similar Part No. - NCE6602N

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
NCE6602N LEIDITECH-NCE6602N Datasheet
1Mb / 10P
N and P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - NCE6602N

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE6602 NCEPOWER-NCE6602 Datasheet
476Kb / 11P
NCE N and P-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com