Electronic Components Datasheet Search
  English  ▼

X  

NCE603583 Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

NCE603583 Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # NCE603583
Download  NCE603583 Download
File Size   980.03 Kbytes
Page   9 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N&P-Channel complementary Power MOSFET

NCE603583 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE603583 Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE603583
Download  NCE603583 Click to download

File Size   980.03 Kbytes
Page   9 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE N&P-Channel complementary Power MOSFET

NCE603583 Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


NCE603583 Product details

Description
The NCE603583 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.

General Features
N channel
● VDS =60V,ID =40A
RDS(ON) <15.5mΩ @ VGS=10V
RDS(ON) <22mΩ @ VGS=4.5V
p channel
● VDS =-60V,ID =-35A
RDS(ON) <35mΩ @ VGS=-10V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Good stability and uniformity with high EAS ● Excellent package for good heat dissipation
● Special process technology for high ESD capability
Application
● H-bridge
● Inverters




Similar Part No. - NCE603583

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE6030K NCEPOWER-NCE6030K Datasheet
461Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
v1.0
NCE603S NCEPOWER-NCE603S Datasheet
441Kb / 10P
NCE 60V Complementary MOSFET
logo
VBsemi Electronics Co.,...
NCE603S VBSEMI-NCE603S Datasheet
1Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
More results


Similar Description - NCE603583

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY4000CZ FAIRCHILD-FDY4000CZ Datasheet
451Kb / 9P
Complementary N & P-Channel PowerTrench MOSFET
FDY4001CZ FAIRCHILD-FDY4001CZ Datasheet
366Kb / 9P
Complementary N & P-Channel PowerTrench MOSFET
logo
Wuxi NCE Power Semicond...
NCE30D2519K NCEPOWER-NCE30D2519K Datasheet
479Kb / 9P
NCE N&P-Channel V Complementary MOSFET
NCE6602 NCEPOWER-NCE6602 Datasheet
476Kb / 11P
NCE N and P-Channel Enhancement Mode Power MOSFET
logo
MagnaChip Semiconductor...
MDS9651 MGCHIP-MDS9651 Datasheet
1Mb / 9P
Complementary N-P Channel Trench MOSFET
logo
Taiwan Semiconductor Co...
TSM8588CS TSC-TSM8588CS Datasheet
469Kb / 9P
Complementary N & P-Channel Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM603K HMSEMI-HM603K Datasheet
462Kb / 8P
N&P-Channel complementary Power MOSFET
logo
Yangzhou yangjie electr...
YJQC602B YANGJIE-YJQC602B Datasheet
1Mb / 9P
N-Channel and P-Channel Complementary Power MOSFET
YJS4606A YANGJIE-YJS4606A Datasheet
688Kb / 9P
N-Channel and P-Channel Complementary Power MOSFET
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY_V01 Datasheet
137Kb / 9P
Complementary (N- and P-Channel) MOSFET
18-May-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com