Electronic Components Datasheet Search
  English  ▼

X  

RM2308 Datasheet (PDF) - Rectron Semiconductor

RM2308 Datasheet PDF - Rectron Semiconductor
Part # RM2308
Download  RM2308 Download
File Size   439.16 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM2308 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM2308 Datasheet PDF - Rectron Semiconductor

Part # RM2308
Download  RM2308 Click to download

File Size   439.16 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM2308 Datasheet (HTML) - Rectron Semiconductor


RM2308 Product details

General Features
VDS =60V,ID =3A
RDS(ON) <105mΩ @ VGS=10V
RDS(ON) < 125mΩ @ VGS=4.5V
High power and current handing capability
Lead free product is acquired
Surface mount package




Similar Part No. - RM2308

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM2301 RECTRON-RM2301 Datasheet
279Kb / 7P
P-Channel Enhancement Mode Power MOSFET
RM2301C RECTRON-RM2301C Datasheet
351Kb / 5P
P-Channel Enhancement Mode Mosfet
20 REV:O 23-03/97
RM2301E RECTRON-RM2301E Datasheet
272Kb / 7P
P-Channel Enhancement Mode Power MOSFET
2019-04/15 REV:O
RM2301S3 RECTRON-RM2301S3 Datasheet
120Kb / 5P
P-Channel 20-V(D-S) MOSFET
2018-04/67 REV:O
RM2301S9 RECTRON-RM2301S9 Datasheet
175Kb / 7P
P-Channel Enhancement Mode Power MOSFET
201 REV: 9- O 05/15/93
More results


Similar Description - RM2308

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com