Electronic Components Datasheet Search
  English  ▼

X  

RM2306E Datasheet (PDF) - Rectron Semiconductor

RM2306E Datasheet PDF - Rectron Semiconductor
Part # RM2306E
Download  RM2306E Download
File Size   539.58 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel 30V (D-S) MOSFET , ESD Protected

RM2306E Datasheet (PDF)

Go To PDF Page Download Datasheet
RM2306E Datasheet PDF - Rectron Semiconductor

Part # RM2306E
Download  RM2306E Click to download

File Size   539.58 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel 30V (D-S) MOSFET , ESD Protected

RM2306E Datasheet (HTML) - Rectron Semiconductor


RM2306E Product details

FEATURES
RDS(ON)<31mΩ@VGS=10V
RDS(ON)<52mΩ@VGS=4.5V
ESD Protected
Super high density cell design for extremely low RDS(ON)
Exceptional on-resistance and maximum DC current capability




Similar Part No. - RM2306E

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM2301 RECTRON-RM2301 Datasheet
279Kb / 7P
P-Channel Enhancement Mode Power MOSFET
RM2301C RECTRON-RM2301C Datasheet
351Kb / 5P
P-Channel Enhancement Mode Mosfet
20 REV:O 23-03/97
RM2301E RECTRON-RM2301E Datasheet
272Kb / 7P
P-Channel Enhancement Mode Power MOSFET
2019-04/15 REV:O
RM2301S3 RECTRON-RM2301S3 Datasheet
120Kb / 5P
P-Channel 20-V(D-S) MOSFET
2018-04/67 REV:O
RM2301S9 RECTRON-RM2301S9 Datasheet
175Kb / 7P
P-Channel Enhancement Mode Power MOSFET
201 REV: 9- O 05/15/93
More results


Similar Description - RM2306E

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJ2306 PANJIT-PJ2306_15 Datasheet
339Kb / 7P
30V N-Channel Enhancement Mode MOSFET-ESD Protected
PJA3422 PANJIT-PJA3422 Datasheet
319Kb / 6P
30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJE8404 PANJIT-PJE8404 Datasheet
323Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7412 PANJIT-PJC7412 Datasheet
346Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8804 PANJIT-PJX8804 Datasheet
326Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8812 PANJIT-PJX8812 Datasheet
331Kb / 6P
30V N-Channel Enhancement Mode MOSFET??ESD Protected
logo
Leshan Radio Company
LNB2306ELT1G LRC-LNB2306ELT1G Datasheet
202Kb / 5P
N-Channel 30V (D-S) MOSFET , ESD Protected
S-LNB2306ELT1G LRC-S-LNB2306ELT1G Datasheet
457Kb / 5P
N-Channel 30V (D-S) MOSFET , ESD Protected
logo
SHIKUES Electronics
SK90N03 SKTECHNOLGY-SK90N03 Datasheet
1Mb / 4P
N-Channel 30V(D-S) MOSFET, ESD Protected
logo
Pan Jit International I...
PJC7400B PANJIT-PJC7400B Datasheet
540Kb / 6P
30V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com