Electronic Components Datasheet Search
  English  ▼

X  

RM2304E Datasheet (PDF) - Rectron Semiconductor

RM2304E Datasheet PDF - Rectron Semiconductor
Part # RM2304E
Download  RM2304E Download
File Size   682.41 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.

RM2304E Datasheet (PDF)

Go To PDF Page Download Datasheet
RM2304E Datasheet PDF - Rectron Semiconductor

Part # RM2304E
Download  RM2304E Click to download

File Size   682.41 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.

RM2304E Datasheet (HTML) - Rectron Semiconductor


RM2304E Product details

FEATURES
RDS(ON)<60mΩ@VGS=10V
RDS(ON)<70mΩ@VGS=4.5V
RDS(ON)<100mΩ@VGS=2.5V
ESD Protection
Super high density cell design for extremely low RDS(ON)
Exceptional on-resistance and maximum DC current capability




Similar Part No. - RM2304E

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM2304 RECTRON-RM2304 Datasheet
186Kb / 7P
N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - RM2304E

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN4488L STANSON-STN4488L Datasheet
644Kb / 7P
STN4488L is the N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
STN4822 STANSON-STN4822 Datasheet
516Kb / 6P
STN4822 is the Dual N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
STN9926 STANSON-STN9926 Datasheet
648Kb / 7P
The STN9926 is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
STN9926AA STANSON-STN9926AA Datasheet
233Kb / 7P
The STN9926AA is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
STP4403 STANSON-STP4403 Datasheet
321Kb / 6P
STP4403 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP4931 STANSON-STP4931 Datasheet
334Kb / 6P
STP4931 is the dual P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9235 STANSON-STP9235 Datasheet
331Kb / 6P
STP9235 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9434 STANSON-STP9434 Datasheet
314Kb / 6P
STP9434 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
logo
ACE Technology Co., LTD...
ACE632 ACE-ACE632 Datasheet
1Mb / 11P
The ACE632 is the N- and P-Channel enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
VER 1.3
logo
Shenzhen Huazhimei Semi...
HM1P10MR HMSEMI-HM1P10MR Datasheet
763Kb / 5P
P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com