Electronic Components Datasheet Search
  English  ▼

X  

RM2303 Datasheet (PDF) - Rectron Semiconductor

RM2303 Datasheet PDF - Rectron Semiconductor
Part # RM2303
Download  RM2303 Download
File Size   216.52 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description P-Channel Enhancement Mode Power MOSFET

RM2303 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM2303 Datasheet PDF - Rectron Semiconductor

Part # RM2303
Download  RM2303 Click to download

File Size   216.52 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description P-Channel Enhancement Mode Power MOSFET

RM2303 Datasheet (HTML) - Rectron Semiconductor


RM2303 Product details

General Features
VDS = -30V,ID = -2.0A
RDS(ON) < 130m @ VGS=-10V
RDS(ON) < 180m @ VGS=-4.5V
High power and current handing capability
Lead free product is acquired
Surface mount package




Similar Part No. - RM2303

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM2301 RECTRON-RM2301 Datasheet
279Kb / 7P
P-Channel Enhancement Mode Power MOSFET
RM2301C RECTRON-RM2301C Datasheet
351Kb / 5P
P-Channel Enhancement Mode Mosfet
20 REV:O 23-03/97
RM2301E RECTRON-RM2301E Datasheet
272Kb / 7P
P-Channel Enhancement Mode Power MOSFET
2019-04/15 REV:O
RM2301S3 RECTRON-RM2301S3 Datasheet
120Kb / 5P
P-Channel 20-V(D-S) MOSFET
2018-04/67 REV:O
RM2301S9 RECTRON-RM2301S9 Datasheet
175Kb / 7P
P-Channel Enhancement Mode Power MOSFET
201 REV: 9- O 05/15/93
More results


Similar Description - RM2303

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com