Electronic Components Datasheet Search
  English  ▼

X  

1242741 Datasheet (PDF) - PHOENIX CONTACT

1242741 Datasheet PDF - PHOENIX CONTACT
Part # 1242741
Download  1242741 Download
File Size   461.66 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-5EP1N8A9L34SX - Coupler connector

1242741 Datasheet (PDF)

Go To PDF Page Download Datasheet
1242741 Datasheet PDF - PHOENIX CONTACT

Part # 1242741
Download  1242741 Click to download

File Size   461.66 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SM-5EP1N8A9L34SX - Coupler connector

1242741 Datasheet (HTML) - PHOENIX CONTACT


1242741 Product details

Coupler connector, straight, for standard and SPEEDCON interlock, M40, number of positions:
2+3+PE, contact connection type: Pin, shielded: yes, degree of protection: IP67, cable diameter
range: 20.5 mm ... 26.5 mm, number of positions: 6, connection method: Crimp connection,
series: SM, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
• Flexible use: reliably connect various cable diameters




Similar Part No. - 1242741

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1242742 PHOENIX-1242742 Datasheet
521Kb / 13P
SM-5ES1N8A8L32SX - Cable connector
1242743 PHOENIX-1242743 Datasheet
514Kb / 13P
SM-5ES1N8A8L33SX - Cable connector
1242744 PHOENIX-1242744 Datasheet
416Kb / 9P
SM-5ES1N8A8L34SX - Cable connector
1242745 PHOENIX-1242745 Datasheet
461Kb / 12P
SM-7EP1N8A9L32SX - Coupler connector
1242746 PHOENIX-1242746 Datasheet
395Kb / 9P
SM-7EP1N8A9L33SX - Coupler connector
More results


Similar Description - 1242741

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605826 PHOENIX-1605826 Datasheet
64Kb / 3P
Coupler connector - SM-7EP1N8A9003
11/22/13
1605829 PHOENIX-1605829 Datasheet
39Kb / 1P
Coupler connector - SM-7EP1N8A9L04
11/22/13
1607064 PHOENIX-1607064 Datasheet
61Kb / 3P
Coupler connector - SM-7EP1N8A9004
12/10/13
1607066 PHOENIX-1607066 Datasheet
39Kb / 1P
Coupler connector - SM-7EP1N8A9L02
12/10/13
1607067 PHOENIX-1607067 Datasheet
39Kb / 1P
Coupler connector - SM-7EP1N8A9L03
12/10/13
1607068 PHOENIX-1607068 Datasheet
39Kb / 1P
Coupler connector - SM-7EP1N8A9L05
12/10/13
1613431 PHOENIX-1613431 Datasheet
69Kb / 5P
Coupler connector - SM-7EP1N8A9L32S
01.11.2013
1613426 PHOENIX-1613426 Datasheet
144Kb / 10P
Coupler connector - SM-5EP1N8A9L33S
09/11/2020
1613432 PHOENIX-1613432 Datasheet
613Kb / 17P
SM-7EP1N8A9L33S - Coupler connector
1613433 PHOENIX-1613433 Datasheet
629Kb / 17P
SM-7EP1N8A9L34S - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com