Electronic Components Datasheet Search
  English  ▼

X  

RM27P30LD Datasheet (PDF) - Rectron Semiconductor

RM27P30LD Datasheet PDF - Rectron Semiconductor
Part # RM27P30LD
Download  RM27P30LD Download
File Size   426.02 Kbytes
Page   6 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description P-Channel Enhancement Mode Power MOSFET

RM27P30LD Datasheet (PDF)

Go To PDF Page Download Datasheet
RM27P30LD Datasheet PDF - Rectron Semiconductor

Part # RM27P30LD
Download  RM27P30LD Click to download

File Size   426.02 Kbytes
Page   6 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description P-Channel Enhancement Mode Power MOSFET

RM27P30LD Datasheet (HTML) - Rectron Semiconductor


RM27P30LD Product details

General Features
VDS =-30V,ID =-27A
RDS(ON) <30mΩ @ VGS=-10V
High density cell design for ultra low Rdson
Fully characterized avalanche voltage and current
Excellent package for good heat dissipation
RDS(ON) <55mΩ @ VGS=-4.5V




Similar Part No. - RM27P30LD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM271K ETC1-RM271K Datasheet
34Kb / 1P
R. F. Molded Chokes
RM272K ETC1-RM272K Datasheet
34Kb / 1P
R. F. Molded Chokes
logo
Winchester Electronics ...
RM27W2P-1002 WINCHESTER-RM27W2P-1002 Datasheet
57Kb / 1P
27W2P D-SUB CONNECTOR
RM27W2P-1007 WINCHESTER-RM27W2P-1007 Datasheet
152Kb / 1P
RM27W2P-1007 R/A D-SUB PLUG
RM27W2S-1002 WINCHESTER-RM27W2S-1002 Datasheet
126Kb / 1P
27W2S D-SUB CONNECTROT WITH GUIDE PINS
More results


Similar Description - RM27P30LD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com